Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 5Page - Texas Instruments CC2400-RTR1 Datasheet HTML 6Page - Texas Instruments CC2400-RTR1 Datasheet HTML 7Page - Texas Instruments CC2400-RTR1 Datasheet HTML 8Page - Texas Instruments CC2400-RTR1 Datasheet HTML 9Page - Texas Instruments CC2400-RTR1 Datasheet HTML 10Page - Texas Instruments CC2400-RTR1 Datasheet HTML 11Page - Texas Instruments CC2400-RTR1 Datasheet HTML 12Page - Texas Instruments CC2400-RTR1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
CC2400
SWRS042A
Page 9 of 83
8
RF Receive section
Tc = 25
°C, AVDD/DVDD1.8 = 1.8 V, DVDD3.3 = 3.3V (digital I/O) if nothing else stated. Measured on Chipcon’s
CC2400EM reference design.
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
Receiver Sensitivity at BER = 10
−3
1 Mbps, 1 MHz channel BW
250 kbps, 1 MHz channel BW
10 kbps, 500 kHz channel BW
-87
-91
-101
dBm
dBm
dBm
Measured in a 50 Ohm single-
ended load through a balun. FSK,
NRZ mode used.
±250 kHz frequency deviation
±250 kHz frequency deviation
±125 kHz frequency deviation
Saturation (maximum input level)
3
dBm
Maximum gain in LNA.
NRZ coded data, BER = 10
−3
Co-channel rejection
-10
dB
1 Mbps wanted signal 10 dB
above the sensitivity level,
interferer modulated like signal
(pseudo-random FSK, ± 250 kHz
deviation), interferer at operating
frequency, BER = 10
−3
Adjacent channel rejection (ACR)
1 Mbps
250 kbps
0
12
dB
dB
FSK wanted signal 10 dB above
the sensitivity level, 1 MHz
channel spacing, interferer
modulated like signal (pseudo-
random FSK, ± 250 kHz
deviation) at adjacent channel,
BER = 10
−3
Image channel rejection
1 Mbps
250 kbps
21
39
dB
dB
FSK wanted signal 10 dB above
the sensitivity level, interferer
modulated like signal (pseudo-
random FSK, ± 250 kHz
deviation) at image frequency,
BER = 10
−3. The image channel
is centered 2MHz below the
center frequency of the desired
channel.
Selectivity (C/I)
(In-band channel rejection)
+ 2MHz
± 3MHz
± 4MHz
± 5MHz
± 10MHz
± 20 MHz
± 50MHz
20
41
50
52
55
56
59
dB
dB
dB
dB
dB
dB
dB
1Mbps FSK wanted signal at
2441 MHz, 3 dB above the
sensitivity level (except + 2 MHz,
which is 10 dB above the
sensitivity limit), jammer
modulated like signal (pseudo-
random, ± 250 kHz deviation) at
± 2-39 MHz in 1 MHz steps
offset, BER = 10
−3. Adjacent
channels and image channel are
excluded.
+ 2 MHz
± 3 MHz
± 4 MHz
± 5 MHz
± 10 MHz
± 20 MHz
± 50 MHz
48
50
55
56
59
60
64
dB
dB
dB
dB
dB
dB
dB
250 kbps FSK wanted signal at
2441 MHz, 3 dB above the
sensitivity level (except + 2 MHz,
which is 10 dB above the
sensitivity limit), jammer
modulated like signal (pseudo-
random, ± 250 kHz deviation) at
± 2-39 MHz in 1 MHz steps
offset, BER = 10
−3. Adjacent
channels and image channel are
excluded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com