Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2400-RTR1 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # CC2400-RTR1
Description  2.4 GHz Low-Power RF Transceiver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2400-RTR1 Datasheet(HTML) 35 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 31Page - Texas Instruments CC2400-RTR1 Datasheet HTML 32Page - Texas Instruments CC2400-RTR1 Datasheet HTML 33Page - Texas Instruments CC2400-RTR1 Datasheet HTML 34Page - Texas Instruments CC2400-RTR1 Datasheet HTML 35Page - Texas Instruments CC2400-RTR1 Datasheet HTML 36Page - Texas Instruments CC2400-RTR1 Datasheet HTML 37Page - Texas Instruments CC2400-RTR1 Datasheet HTML 38Page - Texas Instruments CC2400-RTR1 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 84 page
background image
CC2400
SWRS042A
Page 35 of 83
All calib done &
fs in lock
PIN
TX
[12]
PIN
TX_OFF
[13]
STROBE
TX
[17]
STROBE
TX_OFF
[18]
BEFORE_IDLE
[24]
PIN
RX
[10]
STROBE
RX
[16]
PIN
RX_OFF
[11]
PIN
FS_ON
[9]
STROBE
FS_ON
[15]
OFF
[0]
IDLE
[1]
SXOSCON &
Osc. settled
STROBE
RXTX_CAL
[14]
PIN
RXTX_CAL
[8]
SXOSCOFF
RX=TX=1
All calib done &
fs in lock
RX=0
TX=0
RX=TX=0 |
RX=TX=1
RX=TX=0
Immediately
SRX | STX | SFSON
STX
TX=0 |
RX=1 | packet done
TX=1 |
RX=0 | packet done
RX=TX=0 |
RX=TX=1
SFSON
SFSON | packet
done
SRFOFF|
SRFOFF
SFSON | packet done
SRX
Figure 15. Radio control state diagram (FSMSTATE.FSM_CUR_STATE[4:0] value in
brackets)
Figure 15 shows a state transition diagram
for the radio control state machine. This
figure shows the possibilities that exist for
changing between states. Note for
example that it is not possible to go from
IDLE mode back to OFF. This diagram
can be very useful for debugging what is
happening within the
CC2400 by reading
FSMSTATE.FSM_CUR_STATE[4:0]
.
If invalid parameters are used during
development or testing, the PLL may not
lock after calibration. If this happens, the
CC2400 will get stuck in the
STROBE_RXTX_CAL state. The chip
must then be reset to exit this state. This
should never happen in an actual
application as long as recommended
register settings are used.
Also note that the frequency register
FSDIV
should only be modified when the
CC2400 is in IDLE mode, otherwise the
PLL may go out of lock since calibration is
only performed when exiting the IDLE
state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com