Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317S/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM317S/NOPB
Description  Wide Temperature Three-Pin Adjustable Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317S/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM317S/NOPB Datasheet HTML 11Page - Texas Instruments LM317S/NOPB Datasheet HTML 12Page - Texas Instruments LM317S/NOPB Datasheet HTML 13Page - Texas Instruments LM317S/NOPB Datasheet HTML 14Page - Texas Instruments LM317S/NOPB Datasheet HTML 15Page - Texas Instruments LM317S/NOPB Datasheet HTML 16Page - Texas Instruments LM317S/NOPB Datasheet HTML 17Page - Texas Instruments LM317S/NOPB Datasheet HTML 18Page - Texas Instruments LM317S/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
LM317-N
LM117, LM317-N
www.ti.com
SNVS774P – MAY 2004 – REVISED OCTOBER 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers must
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LM117 and LM317-N are versatile, high performance, linear regulators with high accuracy and a wide
temperature range. An output capacitor can be added to further improve transient response, and the ADJ pin can
be bypassed to achieve very high ripple-rejection ratios. Its functionality can be utilized in many different
applications that require high performance regulation, such as battery chargers, constant current regulators, and
microprocessor supplies.
9.2 Typical Applications
9.2.1 1.25-V to 25-V Adjustable Regulator
The LM117 can be used as a simple, low-dropout regulator to enable a variety of output voltages needed for
demanding applications. By using an adjustable R2 resistor, a variety of output voltages can be made possible
as shown in Figure 18.
NOTE: Full output current not available at high input-output voltages
*Needed if device is more than 6 inches from filter capacitors.
†Optional—improves transient response. Output capacitors in the range of 1
μF to 1000 μF of aluminum or tantalum
electrolytic are commonly used to provide improved output impedance and rejection of transients.
Figure 18. 1.25-V to 25-V Adjustable Regulator
9.2.1.1 Design Requirements
The device component count is very minimal, employing two resistors as part of a voltage divider circuit and an
output capacitor for load regulation. An input capacitor is needed if the device is more than 6 inches from filter
capacitors. An optional bypass capacitor across R2 can also be used to improve PSRR.
9.2.1.2 Detailed Design Procedure
The output voltage is set based on the selection of the two resistors, R1 and R2, as shown in Figure 18. For
details on capacitor selection, refer to External Capacitors.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM117 LM317-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com