Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317S/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM317S/NOPB
Description  Wide Temperature Three-Pin Adjustable Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317S/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM317S/NOPB Datasheet HTML 9Page - Texas Instruments LM317S/NOPB Datasheet HTML 10Page - Texas Instruments LM317S/NOPB Datasheet HTML 11Page - Texas Instruments LM317S/NOPB Datasheet HTML 12Page - Texas Instruments LM317S/NOPB Datasheet HTML 13Page - Texas Instruments LM317S/NOPB Datasheet HTML 14Page - Texas Instruments LM317S/NOPB Datasheet HTML 15Page - Texas Instruments LM317S/NOPB Datasheet HTML 16Page - Texas Instruments LM317S/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
LM317-N
LM117, LM317-N
www.ti.com
SNVS774P – MAY 2004 – REVISED OCTOBER 2015
8.3 Feature Description
8.3.1 Load Regulation
The LM317-N is capable of providing extremely good load regulation but a few precautions are needed to obtain
maximum performance. The current set resistor, R1, must be connected near the output terminal of the regulator
rather than near the load. If R1 is placed too far from the output terminal, then the increased trace resistance, RS,
will cause an error voltage drop in the adjustment loop and degrade load regulation performance. Therefore, R1
must be placed as close as possible to the output terminal to minimize RS and maximize load regulation
performance.
Figure 16 shows the effect of the trace resistance, RS, when R1 is placed far from the output terminal of the
regulator. It is clear that RS will cause an error voltage drop especially during higher current loads, so it is
important to minimize the RS trace resistance by keeping R1 close to the regulator output terminal.
Figure 16. Regulator With Line Resistance in Output Lead
With the TO-3 package, it is easy to minimize the resistance from the case to the set resistor, by using two
separate leads to the case. However, with the TO package, care must be taken to minimize the wire length of the
output lead. The ground of R2 can be returned near the ground of the load to provide remote ground sensing
and improve load regulation.
8.4 Device Functional Modes
8.4.1 External Capacitors
An input bypass capacitor is recommended. A 0.1-
μF disc or 1-μF solid tantalum on the input is suitable input
bypassing for almost all applications. The device is more sensitive to the absence of input bypassing when
adjustment or output capacitors are used, but the above values will eliminate the possibility of problems.
The adjustment terminal can be bypassed to ground on the LM317-N to improve ripple rejection. This bypass
capacitor prevents ripple from being amplified as the output voltage is increased. With a 10-
μF bypass capacitor,
80-dB ripple rejection is obtainable at any output level. Increases over 10
μF do not appreciably improve the
ripple rejection at frequencies above 120 Hz. If the bypass capacitor is used, it is sometimes necessary to
include protection diodes to prevent the capacitor from discharging through internal low current paths and
damaging the device.
In general, the best type of capacitors to use is solid tantalum. Solid tantalum capacitors have low impedance
even at high frequencies. Depending upon capacitor construction, it takes about 25
μF in aluminum electrolytic to
equal 1-
μF solid tantalum at high frequencies. Ceramic capacitors are also good at high frequencies. However,
some types have a large decrease in capacitance at frequencies around 0.5 MHz. For this reason, 0.01-
μF disc
may seem to work better than a 0.1-
μF disc as a bypass.
Although the LM317-N is stable with no output capacitors, like any feedback circuit, certain values of external
capacitance can cause excessive ringing. This occurs with values between 500 pF and 5000 pF. A 1-
μF solid
tantalum (or 25-
μF aluminum electrolytic) on the output swamps this effect and insures stability. Any increase of
the load capacitance larger than 10
μF will merely improve the loop stability and output impedance.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM117 LM317-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com