Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317S/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM317S/NOPB
Description  Wide Temperature Three-Pin Adjustable Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317S/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM317S/NOPB Datasheet HTML 15Page - Texas Instruments LM317S/NOPB Datasheet HTML 16Page - Texas Instruments LM317S/NOPB Datasheet HTML 17Page - Texas Instruments LM317S/NOPB Datasheet HTML 18Page - Texas Instruments LM317S/NOPB Datasheet HTML 19Page - Texas Instruments LM317S/NOPB Datasheet HTML 20Page - Texas Instruments LM317S/NOPB Datasheet HTML 21Page - Texas Instruments LM317S/NOPB Datasheet HTML 22Page - Texas Instruments LM317S/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
three LM195 devices in parallel
LM117
LM117, LM317-N
www.ti.com
SNVS774P – MAY 2004 – REVISED OCTOBER 2015
Typical Applications (continued)
9.2.6 High-Current Adjustable Regulator
Using the LM195 power transistor in parallel with the LM117 can increase the maximum possible output load
current (see Figure 24). Sense resistor R1 provides the 0.6 V across base to emitter to turn on the PNP. This on
switch allows current to flow, and the voltage drop across R3 drives three LM195 power transistors designed to
carry an excess of 1 A each.
NOTE
The selection of R1 determines a minimum load current for the PNP to turn on. The higher
the resistor value, the lower the load current must be before the transistors turn on.
NOTE: ‡Optional—improves ripple rejection
†Solid tantalum
*Minimum load current = 30 mA
Figure 24. High-Current Adjustable Regulator
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM117 LM317-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com