Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317S/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM317S/NOPB
Description  Wide Temperature Three-Pin Adjustable Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317S/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM317S/NOPB Datasheet HTML 2Page - Texas Instruments LM317S/NOPB Datasheet HTML 3Page - Texas Instruments LM317S/NOPB Datasheet HTML 4Page - Texas Instruments LM317S/NOPB Datasheet HTML 5Page - Texas Instruments LM317S/NOPB Datasheet HTML 6Page - Texas Instruments LM317S/NOPB Datasheet HTML 7Page - Texas Instruments LM317S/NOPB Datasheet HTML 8Page - Texas Instruments LM317S/NOPB Datasheet HTML 9Page - Texas Instruments LM317S/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
LM117, LM317-N
SNVS774P – MAY 2004 – REVISED OCTOBER 2015
www.ti.com
7.5 Thermal Information, LM317-N
LM317-N
KTT
NDE
DCY
NDT
NDP
THERMAL METRIC(1)(2)
UNIT
(TO-263)
(TO-220)
(SOT-223)
(TO)
(TO-252)
3 PINS
3 PINS
4 PINS
3 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance
41.0
23.3
59.6
186(3)
54
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
43.6
16.2
39.3
21
51.3
°C/W
RθJB
Junction-to-board thermal resistance
23.6
4.9
8.4
—
28.6
°C/W
ψJT
Junction-to-top characterization parameter
10.4
2.7
1.8
—
3.9
°C/W
ψJB
Junction-to-board characterization parameter
22.6
4.9
8.3
—
28.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.9
1.1
—
—
0.9
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
When surface mount packages are used (SOT-223, TO-252), the junction to ambient thermal resistance can be reduced by increasing
the PCB copper area that is thermally connected to the package. See Heatsink Requirements for heatsink techniques.
(3)
No heatsink
7.6 LM117 Electrical Characteristics
Some specifications apply over full Operating Temperature Range as noted. Unless otherwise specified, TJ = 25°C, VIN −
VOUT = 5 V, and IOUT = 10 mA.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3 V
≤ (VIN − VOUT) ≤ 40 V,
Reference voltage
1.2
1.25
1.3
V
10 mA
≤ IOUT ≤ IMAX
(1) (over full operating temperature range)
TJ = 25°C
0.01
0.02
Line regulation
3 V
≤ (VIN − VOUT) ≤ 40 V
(3)
%/V
over full operating
0.02
0.05
temperature range
TJ = 25°C
0.1%
0.3%
Load regulation
10 mA
≤ IOUT ≤ IMAX
(1) (3)
over full operating
0.3%
1%
temperature range
Thermal regulation
20-ms pulse
0.03
0.07
%/W
Adjustment pin current
over full operating temperature range
50
100
μA
10 mA
≤ IOUT ≤ IMAX
(1)
Adjustment pin current change
0.2
5
μA
3 V
≤ (VIN − VOUT) ≤ 40 V (over full operating temperature range)
Temperature stability
TMIN ≤ TJ ≤ TMAX (over full operating temperature range)
1%
Minimum load current
(VIN − VOUT) = 40 V (over full operating temperature range)
3.5
5
mA
TO-3 Package (over full
1.5
2.2
3.4
operating temperature range)
(VIN − VOUT) ≤ 15 V
A
TO-39 Package (over full
0.5
0.8
1.8
Current limit
operating temperature range)
TO-3 package
0.3
0.4
(VIN − VOUT) = 40 V
A
TO-39 package
0.15
0.2
RMS output noise, % of VOUT
10 Hz
≤ f ≤ 10 kHz
0.003%
VOUT = 10 V, f = 120 Hz, CADJ = 0 μF (over full operating
65
dB
temperature range)
Ripple rejection ratio
VOUT = 10 V, f = 120 Hz, CADJ = 10 μF (over full operating
66
80
dB
temperature range)
Long-term stability
TJ = 125°C, 1000 hrs
0.3%
1%
(1)
IMAX = 1.5 A for the NDS (TO-3), NDE (TO-220), and KTT (TO-263) packages. IMAX = 1.0 A for the DCY (SOT-223) package.
IMAX = 0.5 A for the NDT (TO) and NDP (TO-252) packages. Device power dissipation (PD) is limited by ambient temperature (TA),
device maximum junction temperature (TJ), and package thermal resistance (θJA). The maximum allowable power dissipation at any
temperature is : PD(MAX) = ((TJ(MAX) – TA) / θJA). All Min. and Max. limits are ensured to TI's Average Outgoing Quality Level (AOQL).
(2)
Specifications and availability for military and space grades of LM117/883 can be found in the LM117QML data sheet (SNVS356).
Specifications and availability for military and space grades of LM117 can be found in the LM117JAN data sheet (SNVS365).
(3)
Regulation is measured at a constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specifications for thermal regulation.
6
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LM117 LM317-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com