Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317S/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM317S/NOPB
Description  Wide Temperature Three-Pin Adjustable Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317S/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM317S/NOPB Datasheet HTML 1Page - Texas Instruments LM317S/NOPB Datasheet HTML 2Page - Texas Instruments LM317S/NOPB Datasheet HTML 3Page - Texas Instruments LM317S/NOPB Datasheet HTML 4Page - Texas Instruments LM317S/NOPB Datasheet HTML 5Page - Texas Instruments LM317S/NOPB Datasheet HTML 6Page - Texas Instruments LM317S/NOPB Datasheet HTML 7Page - Texas Instruments LM317S/NOPB Datasheet HTML 8Page - Texas Instruments LM317S/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
( )
OUT
ADJ
R
V
= 1.25 V
I
R
R
2
2
1
1
æ
ö
+
+
ç
÷
è
ø
LM317-N
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM117, LM317-N
SNVS774P – MAY 2004 – REVISED OCTOBER 2015
LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
1 Features
3 Description
The LM117 and LM317-N series of adjustable 3-pin
1
•
Typ. 0.1% Load Regulation
positive voltage regulators are capable of supplying in
•
Typ. 0.01%/V Line Regulation
excess of 1.5 A over a 1.25-V to 37-V output range
•
1.5-A Output Current
and
a
wide
temperature
range.
They
are
exceptionally easy to use and require only two
•
Adjustable Output Down to 1.25 V
external resistors to set the output voltage. Further,
•
Current Limit Constant With Temperature
both line and load regulation are better than standard
•
80-dB Ripple Rejection
fixed regulators.
•
Short-Circuit Protected Output
The
LM117
and
LM317-N
offer
full
overload
•
−55°C to 150°C Operating Temperature Range
protection such as current limit, thermal overload
(LM117)
protection and safe area protection. All overload
protection circuitry remains fully functional even if the
adjustment terminal is disconnected.
2 Applications
•
Automotive LED Lighting
Typically, no capacitors are needed unless the device
is situated more than 6 inches from the input filter
•
Battery Chargers
capacitors, in which case an input bypass is needed.
•
Post Regulation for Switching Supplies
An optional output capacitor can be added to improve
•
Constant Current Regulators
transient response. The adjustment terminal can be
bypassed to achieve very high ripple rejection ratios
•
Microprocessor Supplies
that are difficult to achieve with standard 3-terminal
regulators.
Typical Application
Because the regulator is floating and detects only the
input-to-output differential voltage, supplies of several
hundred volts can be regulated as long as the
maximum input-to-output differential is not exceeded.
That is, avoid short-circuiting the output.
By
connecting
a
fixed
resistor
between
the
adjustment pin and output, the LM117 and LM317-N
can be also used as a precision current regulator.
Supplies with electronic shutdown can be achieved
by clamping the adjustment terminal to ground, which
programs the output to 1.25 V where most loads draw
little current.
For applications requiring greater output current, see
data sheets for LM150 series (3 A), SNVS772, and
LM138 series (5 A), SNVS771. For the negative
complement, see LM137 (SNVS778) series data
*Needed if device is more than 6 inches from filter
sheet.
capacitors.
†Optional—improves transient response
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TO-3 (2)
38.94 mm x 25.40 mm
††
LM117
TO (3)
8.255 mm × 8.255 mm
TO-3 (2)
38.94 mm x 25.40 mm
TO-220 (3)
14.986 mm × 10.16 mm
TO-263 (3)
10.18 mm × 8.41 mm
LM317-N
SOT-223 (4)
6.50 mm × 3.50 mm
TO (3)
8.255 mm × 8.255 mm
TO-252 (3)
6.58 mm × 6.10 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM317S/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM317S/NOPB TI1-LM317S/NOPB Datasheet
3Mb / 38P
LM117/LM317A/LM317-N 3-Terminal Adjustable Regulator
LM317S/NOPB TI1-LM317S/NOPB Datasheet
3Mb / 40P
LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM317S/NOPB TI1-LM317S/NOPB Datasheet
3Mb / 40P
LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM317S/NOPB TI-LM317S/NOPB Datasheet
5Mb / 51P
LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
More results

Similar Description - LM317S/NOPB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
National Semiconductor ...
MDLM117-H NSC-MDLM117-H Datasheet
58Kb / 7P
POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET431 ESTEK-ET431 Datasheet
197Kb / 3P
three-terminal adjustable regulator
logo
Skyworks Solutions Inc.
AAT2503 SKYWORKS-AAT2503 Datasheet
1Mb / 22P
Adjustable Three-Channel Regulator
AAT2504 SKYWORKS-AAT2504 Datasheet
1Mb / 21P
Adjustable Three-Channel Regulator
logo
Guangdong Kexin Industr...
LM317LF KEXIN-LM317LF Datasheet
1Mb / 4P
Three-Terminal Adjustable Regulator
LM317LFR KEXIN-LM317LFR Datasheet
1Mb / 4P
Three-Terminal Adjustable Regulator
logo
Texas Instruments
LM117HV TI1-LM117HV_16 Datasheet
2Mb / 28P
High Voltage Three-Terminal Adjustable Regulator
LM317-N-MIL TI1-LM317-N-MIL Datasheet
4Mb / 39P
Wide Temperature Three-Pin Adjustable Regulator
LM117 TI-LM117_V01 Datasheet
5Mb / 51P
LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com