Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317S/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM317S/NOPB
Description  Wide Temperature Three-Pin Adjustable Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317S/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM317S/NOPB Datasheet HTML 10Page - Texas Instruments LM317S/NOPB Datasheet HTML 11Page - Texas Instruments LM317S/NOPB Datasheet HTML 12Page - Texas Instruments LM317S/NOPB Datasheet HTML 13Page - Texas Instruments LM317S/NOPB Datasheet HTML 14Page - Texas Instruments LM317S/NOPB Datasheet HTML 15Page - Texas Instruments LM317S/NOPB Datasheet HTML 16Page - Texas Instruments LM317S/NOPB Datasheet HTML 17Page - Texas Instruments LM317S/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
( )
OUT
ADJ
R
V
= 1.25 V
I
R
R
2
2
1
1
æ
ö
+
+
ç
÷
è
ø
LM317-N
LM117, LM317-N
SNVS774P – MAY 2004 – REVISED OCTOBER 2015
www.ti.com
Device Functional Modes (continued)
8.4.2 Protection Diodes
When external capacitors are used with any IC regulator, it is sometimes necessary to add protection diodes to
prevent the capacitors from discharging through low current points into the regulator. Most 10-
μF capacitors have
low enough internal series resistance to deliver 20-A spikes when shorted. Although the surge is short, there is
enough energy to damage parts of the IC.
When an output capacitor is connected to a regulator and the input is shorted, the output capacitor will discharge
into the output of the regulator. The discharge current depends on the value of the capacitor, the output voltage
of the regulator, and the rate of decrease of VIN. In the LM317-N, this discharge path is through a large junction
that is able to sustain 15-A surge with no problem. This is not true of other types of positive regulators. For
output capacitors of 25
μF or less, there is no need to use diodes.
The bypass capacitor on the adjustment terminal can discharge through a low current junction. Discharge occurs
when either the input, or the output, is shorted. Internal to the LM317-N is a 50-
Ω resistor which limits the peak
discharge current. No protection is needed for output voltages of 25 V or less and 10-
μF capacitance. Figure 17
shows an LM317-N with protection diodes included for use with outputs greater than 25 V and high values of
output capacitance.
D1 protects against C1
D2 protects against C2
Figure 17. Regulator With Protection Diodes
14
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LM117 LM317-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com