Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317S/NOPB Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LM317S/NOPB
Description  Wide Temperature Three-Pin Adjustable Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317S/NOPB Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM317S/NOPB Datasheet HTML 26Page - Texas Instruments LM317S/NOPB Datasheet HTML 27Page - Texas Instruments LM317S/NOPB Datasheet HTML 28Page - Texas Instruments LM317S/NOPB Datasheet HTML 29Page - Texas Instruments LM317S/NOPB Datasheet HTML 30Page - Texas Instruments LM317S/NOPB Datasheet HTML 31Page - Texas Instruments LM317S/NOPB Datasheet HTML 32Page - Texas Instruments LM317S/NOPB Datasheet HTML 33Page - Texas Instruments LM317S/NOPB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
LM117, LM317-N
SNVS774P – MAY 2004 – REVISED OCTOBER 2015
www.ti.com
Thermal Considerations (continued)
Figure 40. Maximum Power Dissipation vs TAMB for the
Figure 39.
θJA vs Copper (2-oz.) Area for the SOT-223
SOT-223 Package
Package
11.3.2.2 Heatsinking the TO-263 (KTT) Package
Figure 41 shows for the TO-263 the measured values of
θJA for different copper area sizes using a typical PCB
with 1-oz. copper and no solder mask over the copper area used for heatsinking.
As shown in Figure 41, increasing the copper area beyond 1 square inch produces very little improvement. It
must also be observed that the minimum value of
θJA for the TO-263 package mounted to a PCB is 32°C/W.
Figure 41.
θJA vs Copper (1-oz.) Area for the TO-263 Package
As a design aid, Figure 42 shows the maximum allowable power dissipation compared to ambient temperature
for the TO-263 device (assuming
θJA is 35°C/W and the maximum junction temperature is 125°C).
30
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LM117 LM317-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com