Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317S/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LM317S/NOPB
Description  Wide Temperature Three-Pin Adjustable Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317S/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM317S/NOPB Datasheet HTML 24Page - Texas Instruments LM317S/NOPB Datasheet HTML 25Page - Texas Instruments LM317S/NOPB Datasheet HTML 26Page - Texas Instruments LM317S/NOPB Datasheet HTML 27Page - Texas Instruments LM317S/NOPB Datasheet HTML 28Page - Texas Instruments LM317S/NOPB Datasheet HTML 29Page - Texas Instruments LM317S/NOPB Datasheet HTML 30Page - Texas Instruments LM317S/NOPB Datasheet HTML 31Page - Texas Instruments LM317S/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
LM117, LM317-N
SNVS774P – MAY 2004 – REVISED OCTOBER 2015
www.ti.com
Layout Example (continued)
Figure 37. Layout Example (TO-220)
11.3 Thermal Considerations
11.3.1 Heatsink Requirements
The LM317-N regulators have internal thermal shutdown to protect the device from over-heating. Under all
operating conditions, the junction temperature of the LM317-N must not exceed the rated maximum junction
temperature (TJ) of 150°C for the LM117, or 125°C for the LM317-N. A heatsink may be required depending on
the maximum device power dissipation and the maximum ambient temperature of the application. To determine if
a heatsink is needed, the power dissipated by the regulator, PD, must be calculate with Equation 3:
PD = ((VIN − VOUT) × IL) + (VIN × IG)
(3)
Figure 38 shows the voltage and currents which are present in the circuit.
The next parameter which must be calculated is the maximum allowable temperature rise, TR(MAX) in Equation 4:
TR(MAX) = TJ(MAX) − TA(MAX)
(4)
where TJ(MAX) is the maximum allowable junction temperature (150°C for the LM117, or 125°C for the LM317-N),
and TA(MAX) is the maximum ambient temperature that will be encountered in the application.
Using the calculated values for TR(MAX) and PD, the maximum allowable value for the junction-to-ambient thermal
resistance (
θJA) can be calculated with Equation 5:
θJA = (TR(MAX) / PD)
(5)
28
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LM117 LM317-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com