Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317S/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LM317S/NOPB
Description  Wide Temperature Three-Pin Adjustable Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317S/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM317S/NOPB Datasheet HTML 20Page - Texas Instruments LM317S/NOPB Datasheet HTML 21Page - Texas Instruments LM317S/NOPB Datasheet HTML 22Page - Texas Instruments LM317S/NOPB Datasheet HTML 23Page - Texas Instruments LM317S/NOPB Datasheet HTML 24Page - Texas Instruments LM317S/NOPB Datasheet HTML 25Page - Texas Instruments LM317S/NOPB Datasheet HTML 26Page - Texas Instruments LM317S/NOPB Datasheet HTML 27Page - Texas Instruments LM317S/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
LM317-N
LM317-N
LM317-N
LM117, LM317-N
SNVS774P – MAY 2004 – REVISED OCTOBER 2015
www.ti.com
Typical Applications (continued)
9.2.13 AC Voltage Regulator
In Figure 31, the top regulator is +6 V above the bottom regulator. It is clear that when the input rises above +6 V
plus the dropout voltage, only the top LM317-N regulates +6 V at the output. When the input falls below –6 V
minus the dropout voltage, only the bottom LM317-N regulates –6 V at the output. For regions where the output
is not clipped, there is no regulation taking place, so the output follows the input.
Figure 31. AC Voltage Regulator
9.2.14 12-V Battery Charger
The LM317-N can be used in a battery charger application shown in Figure 32, where the device maintains either
constant voltage or constant current mode depending on the current charge of the battery. To do this, the part
senses the voltage drop across the battery and delivers the maximum charging current necessary to charge the
battery. When the battery charge is low, there exists a voltage drop across the sense resistor RS, providing
constant current to the battery at that instant. As the battery approaches full charge, the potential drop across RS
approaches zero, reducing the current and maintaining the fixed voltage of the battery.
Use of RS allows low charging rates with fully charged battery.
Figure 32. 12-V Battery Charger
24
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LM117 LM317-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com