Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317S/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM317S/NOPB
Description  Wide Temperature Three-Pin Adjustable Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317S/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM317S/NOPB Datasheet HTML 7Page - Texas Instruments LM317S/NOPB Datasheet HTML 8Page - Texas Instruments LM317S/NOPB Datasheet HTML 9Page - Texas Instruments LM317S/NOPB Datasheet HTML 10Page - Texas Instruments LM317S/NOPB Datasheet HTML 11Page - Texas Instruments LM317S/NOPB Datasheet HTML 12Page - Texas Instruments LM317S/NOPB Datasheet HTML 13Page - Texas Instruments LM317S/NOPB Datasheet HTML 14Page - Texas Instruments LM317S/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
LM317-N
( )
OUT
ADJ
R
V
= 1.25 V
I
R
R
2
2
1
1
æ
ö
+
+
ç
÷
è
ø
LM117, LM317-N
www.ti.com
SNVS774P – MAY 2004 – REVISED OCTOBER 2015
8 Detailed Description
8.1 Overview
In operation, the LM317-N develops a nominal 1.25-V reference voltage, VREF, between the output and
adjustment terminal. The reference voltage is impressed across program resistor R1 and, because the voltage is
constant, a constant current I1 then flows through the output set resistor R2, giving an output voltage calculated
by Equation 1:
(1)
Figure 15. Setting the VOUT Voltage
Because the 100-
μA current from the adjustment terminal represents an error term, the LM317-N was designed
to minimize IADJ and make it very constant with line and load changes. To do this, all quiescent operating current
is returned to the output establishing a minimum load current requirement. If there is insufficient load on the
output, the output will rise.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM117 LM317-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com