Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317S/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LM317S/NOPB
Description  Wide Temperature Three-Pin Adjustable Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317S/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM317S/NOPB Datasheet HTML 25Page - Texas Instruments LM317S/NOPB Datasheet HTML 26Page - Texas Instruments LM317S/NOPB Datasheet HTML 27Page - Texas Instruments LM317S/NOPB Datasheet HTML 28Page - Texas Instruments LM317S/NOPB Datasheet HTML 29Page - Texas Instruments LM317S/NOPB Datasheet HTML 30Page - Texas Instruments LM317S/NOPB Datasheet HTML 31Page - Texas Instruments LM317S/NOPB Datasheet HTML 32Page - Texas Instruments LM317S/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
LM117, LM317-N
www.ti.com
SNVS774P – MAY 2004 – REVISED OCTOBER 2015
Thermal Considerations (continued)
Figure 38. Power Dissipation Diagram
If the calculated maximum allowable thermal resistance is higher than the actual package rating, then no
additional work is needed. If the calculated maximum allowable thermal resistance is lower than the actual
package rating either the power dissipation (PD) needs to be reduced, the maximum ambient temperature TA(MAX)
needs to be reduced, the thermal resistance (
θJA) must be lowered by adding a heatsink, or some combination of
these.
If a heatsink is needed, the value can be calculated from Equation 6:
θHA ≤ (θJA – (θCH + θJC))
where
•
θCH is the thermal resistance of the contact area between the device case and the heatsink surface
•
θJC is thermal resistance from the junction of the die to surface of the package case
(6)
When a value for
θHA is found using the equation shown, a heatsink must be selected that has a value that is
less than, or equal to, this number.
The
θHA rating is specified numerically by the heatsink manufacturer in the catalog, or shown in a curve that plots
temperature rise vs power dissipation for the heatsink.
11.3.2 Heatsinking Surface Mount Packages
The TO-263 (KTT), SOT-223 (DCY) and TO-252 (NDP) packages use a copper plane on the PCB and the PCB
itself as a heatsink. To optimize the heat sinking ability of the plane and PCB, solder the tab of the package to
the plane.
11.3.2.1 Heatsinking the SOT-223 (DCY) Package
Figure 39 and Figure 40 show the information for the SOT-223 package. Figure 40 assumes a
θJA of 74°C/W for
1-oz. copper and 59.6°C/W for 2-oz. copper and a maximum junction temperature of 125°C. See AN-1028
(SNVA036) for thermal enhancement techniques to be used with SOT-223 and TO-252 packages.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LM117 LM317-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com