Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317S/NOPB Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # LM317S/NOPB
Description  Wide Temperature Three-Pin Adjustable Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317S/NOPB Datasheet(HTML) 26 Page - Texas Instruments

Back Button LM317S/NOPB Datasheet HTML 22Page - Texas Instruments LM317S/NOPB Datasheet HTML 23Page - Texas Instruments LM317S/NOPB Datasheet HTML 24Page - Texas Instruments LM317S/NOPB Datasheet HTML 25Page - Texas Instruments LM317S/NOPB Datasheet HTML 26Page - Texas Instruments LM317S/NOPB Datasheet HTML 27Page - Texas Instruments LM317S/NOPB Datasheet HTML 28Page - Texas Instruments LM317S/NOPB Datasheet HTML 29Page - Texas Instruments LM317S/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
LM317-N
LM317-N
LM117, LM317-N
SNVS774P – MAY 2004 – REVISED OCTOBER 2015
www.ti.com
Typical Applications (continued)
9.2.16 Current-Limited 6-V Charger
The current in a battery charger application is limited by switching between constant current and constant voltage
states (see Figure 34). When the battery pulls low current, the drop across the 1
Ω resistor is not substantial and
the NPN remains off. A constant voltage is seen across the battery, as regulated by the resistor divider. When
current through the battery rises past peak current, the 1
Ω provides enough voltage to turn the transistor on,
pulling ADJ close to ground. This results in limiting the maximum current to the battery.
*Sets peak current (0.6A for 1
Ω)
**The 1000-
μF is recommended to filter out input transients
Figure 34. Current-Limited 6-V Charger
9.2.17 Digitally Selected Outputs
Figure 35 demonstrates a digitally selectable output voltage. In its default state, all transistors are off and the
output voltage is set based on R1 and R2. By driving certain transistors, the associated resistor is connected in
parallel to R2, modifying the output voltage of the regulator.
*Sets maximum VOUT
Figure 35. Digitally Selected Outputs
(2)
26
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LM117 LM317-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com