Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317S/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM317S/NOPB
Description  Wide Temperature Three-Pin Adjustable Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317S/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM317S/NOPB Datasheet HTML 3Page - Texas Instruments LM317S/NOPB Datasheet HTML 4Page - Texas Instruments LM317S/NOPB Datasheet HTML 5Page - Texas Instruments LM317S/NOPB Datasheet HTML 6Page - Texas Instruments LM317S/NOPB Datasheet HTML 7Page - Texas Instruments LM317S/NOPB Datasheet HTML 8Page - Texas Instruments LM317S/NOPB Datasheet HTML 9Page - Texas Instruments LM317S/NOPB Datasheet HTML 10Page - Texas Instruments LM317S/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
LM117, LM317-N
www.ti.com
SNVS774P – MAY 2004 – REVISED OCTOBER 2015
7.7 LM317-N Electrical Characteristics
(1)
Some specifications apply over full Operating Temperature Range as noted. Unless otherwise specified, TJ = 25°C, VIN −
VOUT = 5 V, and IOUT = 10 mA.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ = 25°C
1.25
V
3 V
≤ (VIN − VOUT) ≤ 40 V,
Reference voltage
10 mA
≤ IOUT ≤ IMAX
(1) (over Full Operating Temperature
1.2
1.25
1.3
V
Range)
TJ = 25°C
0.01
0.04
Line regulation
3V
≤ (VIN − VOUT) ≤ 40 V
(2)
%/V
(over full operating
0.02
0.07
temperature range)
TJ = 25°C
0.1%
0.5%
Load regulation
10 mA
≤ IOUT ≤ IMAX
(1) (2)
(over full operating
0.3%
1.5%
temperature range)
Thermal regulation
20-ms pulse
0.04
0.07
%/W
Adjustment pin current
(over full operating temperature range)
50
100
μA
10 mA
≤ IOUT ≤ IMAX
(1)
(over full operating
Adjustment pin current change
0.2
5
μA
3V
≤ (VIN − VOUT) ≤ 40V
temperature range)
(over full operating
Temperature stability
TMIN ≤ TJ ≤ TMAX
1%
temperature range)
(over full operating
Minimum load current
(VIN − VOUT) = 40 V
3.5
10
mA
temperature range)
TO-3, TO-263 Packages
(over full operating
1.5
2.2
3.4
temperature range)
SOT-223, TO-220
Packages (over full
(VIN − VOUT) ≤ 15 V
1.5
2.2
3.4
A
operating temperature
range)
Current limit
TO, TO-252 Package (over
full operating temperature
0.5
0.8
1.8
range)
TO-3, TO-263 packages
0.15
0.4
(VIN − VOUT) = 40 V
SOT-223, TO-220 packages
0.15
0.4
A
TO, TO-252 package
0.075
0.2
RMS output noise, % of VOUT
10 Hz
≤ f ≤ 10 kHz
0.003%
VOUT = 10 V, f = 120 Hz, CADJ = 0 μF (over full operating
65
dB
temperature range)
Ripple rejection ratio
VOUT = 10V, f = 120 Hz, CADJ = 10 μF (over full operating
66
80
dB
temperature range)
Long-term stability
TJ = 125°C, 1000 hrs
0.3%
1%
(1)
IMAX = 1.5 A for the NDS (TO-3), NDE (TO-220), and KTT (TO-263) packages. IMAX = 1.0 A for the DCY (SOT-223) package.
IMAX = 0.5 A for the NDT (TO) and NDP (TO-252) packages. Device power dissipation (PD) is limited by ambient temperature (TA),
device maximum junction temperature (TJ), and package thermal resistance (θJA). The maximum allowable power dissipation at any
temperature is : PD(MAX) = ((TJ(MAX) – TA) / θJA). All Min. and Max. limits are ensured to TI's Average Outgoing Quality Level (AOQL).
(2)
Regulation is measured at a constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specifications for thermal regulation.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM117 LM317-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com