Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317S/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM317S/NOPB
Description  Wide Temperature Three-Pin Adjustable Regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317S/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM317S/NOPB Datasheet HTML 12Page - Texas Instruments LM317S/NOPB Datasheet HTML 13Page - Texas Instruments LM317S/NOPB Datasheet HTML 14Page - Texas Instruments LM317S/NOPB Datasheet HTML 15Page - Texas Instruments LM317S/NOPB Datasheet HTML 16Page - Texas Instruments LM317S/NOPB Datasheet HTML 17Page - Texas Instruments LM317S/NOPB Datasheet HTML 18Page - Texas Instruments LM317S/NOPB Datasheet HTML 19Page - Texas Instruments LM317S/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
LM317-N
LM117, LM317-N
SNVS774P – MAY 2004 – REVISED OCTOBER 2015
www.ti.com
Typical Applications (continued)
9.2.1.3 Application Curve
As shown in Figure 19, VOUT will rise with VIN minus some dropout voltage. This dropout voltage during startup
will vary with ROUT.
Figure 19. VOUT vs VIN, VOUT = 5V
9.2.2 5-V Logic Regulator With Electronic Shutdown
Figure 20 shows a variation of the 5-V output regulator application uses the L117 along with an NPN transistor to
provide shutdown control. The NPN will either block or sink the current from the ADJ pin by responding to the
TTL pin logic. When TTL is pulled high, the NPN is on and pulls the ADJ pin to GND, and the LM117 outputs
about
1.25 V. When TTL is pulled low, the NPN is off and the regulator outputs according to the programmed
adjustable voltage.
NOTE: Min. output
≊ 1.2 V
Figure 20. 5-V Logic Regulator With Electronic Shutdown
16
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LM117 LM317-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com