Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8358MT/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8358MT/NOPB
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8358MT/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMP8358MT/NOPB Datasheet HTML 12Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 13Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 14Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 15Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 16Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 17Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 18Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 19Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
GAIN = 10
COMP = 000
VIN = 0.1V
V
+
= +2.5V
V
-
= -2.5V
CL = 100 pF
CL = 200 pF
CL = 10 pF
1 Ps/DIV
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VS (V)
2.2
2.1
2.0
1.9
1.8
1.7
1.6
1.5
CUR[2:0] = 000b
125°C
25°C
-40°C
COMP = 011
100 Ps/DIV
COMP = 010
COMP = 001
COMP = 000
COMP = 100
GAIN = 1000
V
+
= +2.5V
V
-
= -2.5V
100 Ps/DIV
GAIN = 1000
V
+
= +2.5V
V
-
= -2.5V
COMP = 010
COMP = 001
COMP = 000
COMP = 011
COMP = 100
100 Ps/DIV
COMP = 000
COMP = 001
COMP = 010
COMP = 011
COMP = 100
GAIN = 1000
V
+
= +2.5V
V
-
= -2.5V
100 Ps/DIV
GAIN = 1000
V
+
= +2.5V
V
-
= -2.5V
COMP = 010
COMP = 001
COMP = 000
COMP = 011
COMP = 100
LMP8358
SNOSB09B – APRIL 2010 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
V
+ = 3.3V and T
A = 25°C unless otherwise noted.
Small Signal Step Response for Various COMP Settings
Small Signal Step Response for Various COMP Settings
Figure 29.
Figure 30.
Large Signal Step Response for Various COMP Settings
Large Signal Step Response for Various COMP Settings
Figure 31.
Figure 32.
Positive Overshoot
Supply Current
vs.
vs.
CLOAD
Supply Voltage
Figure 33.
Figure 34.
16
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMP8358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com