Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8358MT/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8358MT/NOPB
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8358MT/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button LMP8358MT/NOPB Datasheet HTML 25Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 26Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 27Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 28Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 29Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 30Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 31Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 32Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
100 PA
+
-
+5V
1k
1k
1k
1k
+IN
-IN
OUT
+5V
V
+
5V or GND
+5V
GND
+
-
+5V
1k
1k
1k
1k
+IN
-IN
OUT
+5V
V
+
5V
100 PA
+
-
+5V
1k
1k
1k
1k
+IN
-IN
OUT
+5V
V
+
LMP8358
www.ti.com
SNOSB09B – APRIL 2010 – REVISED MARCH 2013
Open Input
Figure 56 shows an example of an open input fault. To sense this type of fault use the 1/50 feature by setting
MUX[1:0] to 10b to test the +IN pin or to 11b to test the
−IN pin, POL to 0b, PIN to 1b to test the −IN pin, and
G[2:0] to 010b for a gain of 50, and inject 100µA current by setting CUR[2:0] = 101b (5082x or 58C2x). Since the
input is open the input pin will be pulled to V+. With an overall gain of 1 the output will read 5V for open input.
Figure 56. Open Input
Input Shorted to V+ or V
−
Figure 57 shows an example of an input pin shorted to V+ or V
−. To sense this fault, use the 1/50 feature by
setting MUX[1:0] to 10b to test the +IN pin or to 11b to test the
−IN pin, POL to 0b, and G[2:0] to 010b for a gain
of 50 (0082x or 00C2x). This will give an overall gain of 1 and the output will read either V+ or V
− depending on
whether the input pin is shorted to V+ or V
−.
Figure 57. Input Shorted to V+ or V
−
Shorted Inputs
Figure 58 shows the inputs of the LMP8358 shorted. To detect this fault set CUR[2:0] = 101b to inject a 100µA
current and set the gain to 10× (5000x). The LMP8358 is set up with normal differential inputs. The output will
read about 0.07V because of the voltage drop across the internal ESD resistor, which has a value between 60
Ω
to 90
Ω. If the gain is set to 100× with an injected current of 100µA the output will be about 0.7V.
Figure 58. Shorted Inputs
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LMP8358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com