Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8358MT/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8358MT/NOPB
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8358MT/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LMP8358MT/NOPB Datasheet HTML 20Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 21Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 22Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 23Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 24Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 25Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 26Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 27Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
LMP8358
SNOSB09B – APRIL 2010 – REVISED MARCH 2013
www.ti.com
Table 5. If all three LMP8358s need a gain of 100 with a compensation level of 010. (0000 0000 0001
0011) (continued)
After first two bytes are
0000 0000 0001 0011
0000 0000 0000 0000
0000 0000 0000 0000
The data in the register of
sent
LMP8358 #1 is shifted
into the register of
After second two bytes
0000 0000 0001 0011
0000 0000 0001 0011
0000 0000 0000 0000
LMP8358 #2, the data in
are sent
the register of LMP8358
After third two bytes are
0000 0000 0001 0011
0000 0000 0001 0011
0000 0000 0001 0011
#2 is shifted into the
sent
register of LMP8358 #3.
Table 6. If LMP8358 #1 needs a gain of 20 (0000 0000 0000 0001), LMP8358 #2 needs a gain of 1000 with
a compensation level of 011 (0000 0000 0001 1110), and LMP8358 #3 needs a gain of 100 with a
compenstation level of 010 (0000 0000 0001 0011).
Register of LMP8358 #1
Register of LMP8358 #2
Register of LMP8358 #3
Notes
Power on
0000 0000 0000 0000
0000 0000 0000 0000
0000 0000 0000 0000
Default power on state
After first two bytes are
0000 0000 0001 0011
0000 0000 0000 0000
0000 0000 0000 0000
The data in the register of
sent
LMP8358 #1 is shifted
into the register of
After second two bytes
0000 0000 0001 1110
0000 0000 0001 0011
0000 0000 0000 0000
LMP8358 #2, the data in
are sent
the register of LMP8358
After third two bytes are
0000 0000 0000 0001
0000 0000 0001 1110
0000 0000 0001 0011
#2 is shifted into the
sent
register of LMP8358 #3
LMP8358 SETTINGS
Gain (Serial, Parallel)
When the LMP8358 is in Parallel Mode the gain can be set by applying a high or low level to pins 12 (G2), 13
(G1), and 14 (G0), as shown in Table 2. The Frequency Compensation bits are automatically set as shown in
Table 2 to optimize the bandwidth. In Serial Mode the gain is determined by setting G[2:0] as shown in Table 7
and the bandwidth can be changed using the Frequency Compensation bits in the register.
Table 7. Gain Setting (Register bits 2:0)
G2
G1
G0
Gain Setting
0
0
0
10x (power-up default)
0
0
1
20x
0
1
0
50x
0
1
1
100x
1
0
0
200x
1
0
1
500x
1
1
0
1000x
1
1
1
User Defined
When G[2:0] = 000b to 110b switch S1 is closed and switch S2 is open as shown in the Block Diagram.
When G[2:0] = 111b in either serial or parallel mode switch S1 is open and S2 is closed and the LMP8358 gain
is set by external resistors as shown in Figure 53. The gain is:
GAIN = 1 + (Z1/Z2)
(1)
When the gain is set by external resistors and COMP[2:0] = 1xxb, a capacitor can be used to implement a noise
reduction low pass filter. See the Filter and External Filter Capacitor (Serial) section. R1and CFILTER are placed
between the OUT and FB pins. R2 is placed between the FB and REFS pins.
24
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMP8358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com