Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8358MT/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8358MT/NOPB
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8358MT/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMP8358MT/NOPB Datasheet HTML 3Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 4Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 5Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 6Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 7Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 8Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 9Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 10Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
LMP8358
www.ti.com
SNOSB09B – APRIL 2010 – REVISED MARCH 2013
5.0V Electrical Characteristics (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C. V
+ = 5.0V , V− = 0V, V
REF = V
+/2, V
CM = V
+/2, R
L = 10 kΩ to
VREF, CL = 10 pF; Serial Control Register: G[2:0] = 110b (Gain = 1000x), COMP[2:0] = 000b, MUX[1:0] = 00b, POL, SHDN,
FILT, PIN = 0b, CUR[2:0] = 000b. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
BW
−3 dB Bandwidth
Gain = 10, COMP[2:0] = 000b
930
Gain = 10, COMP[2:0] = 1xxb
74
Gain = 20, COMP[2:0] = 000b
385
Gain = 20, COMP[2:0] = 1xxb
37
Gain = 50, COMP[2:0] = 001b
460
Gain = 50, COMP[2:0] = 1xxb
16
Gain = 100, COMP[2:0] = 010b
640
kHz
Gain = 100, COMP[2:0] = 1xxb
8
Gain = 200, COMP[2:0] = 010b
195
Gain = 200, COMP[2:0] = 1xxb
4
Gain = 500, COMP[2:0] = 011b
130
Gain = 500, COMP[2:0] = 1xxb
1.5
Gain = 1000, COMP[2:0] = 011b
89
Gain = 1000, COMP[2:0] = 1xxb
0.8
SR
Slew Rate(4)
COMP[2:0] = 000b, 10% to 90% of Step,
1.7
VOUT = 2 VPP
COMP[2:0] = 001b, 10% to 90% of Step,
5.0
VOUT = 2 VPP
COMP[2:0] = 010b, 10% to 90% of Step,
9.0
V/µs
VOUT = 2 VPP
COMP[2:0] = 011b, 10% to 90% of Step,
11.0
VOUT = 2 VPP
COMP[2:0] = 1xxb, 10% to 90% of Step,
0.16
VOUT = 2 VPP
ts
0.01% Settling Time
2 V Step, CL = 10 pF, COMP[2:0] = 011b
4
µs
VOUT
Output Voltage Swing High
RL = 2 kΩ to V
+/2
52
62
RL = 10 kΩ to V
+/2
22
mV from
30
top rail
RL > 1 MΩ to V
+/2
12
17
Output Voltage Swing Low
RL = 2 kΩ to V
+/2
42
55
mV from
RL = 10 kΩ to V
+/2
16
bottom
22
rail
RL > 1 MΩ to V
+/2
12
17
IOUT
Output Current Sourcing
VOUT tied to V
+/2
23
31
16
mA
Output Current Sinking
VOUT tied to V
+/2
34
41
30
IS
Supply Current
Fault detection off, VIN DIFF = 0V
1.8
2.1
mA
Fault detection on, VIN DIFF = 0V
1.9
2.2
mA
in Shutdown
0.006
1
µA
TSD_ON
Turn-on time from Shutdown
85
µs
PSE
Prescaler Error (Offset + Gain Error)
VCM = V
+/2
5
8
mV
Prescaler Gain Factor
0.02
V/V
(4)
Slew rate is the average of the rising and falling slew rates.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMP8358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com