Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8358MT/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8358MT/NOPB
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8358MT/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMP8358MT/NOPB Datasheet HTML 13Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 14Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 15Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 16Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 17Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 18Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 19Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 20Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
-3.0 -2.5 -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5
VCM (V)
12.0
11.5
11.0
10.5
10.0
9.5
9.0
CUR[2:0] = 001b
V
+
= +2.5V
V
-
= -2.5V
125°C
25°C
-40°C
-3.0 -2.5 -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5
VCM (V)
106
105
104
103
102
CUR[2:0] = 010b
V
+
= +2.5V
V
-
= -2.5V
- 40°C
25°C
125°C
10
100
1k
10k
FREQUENCY (Hz)
1
0.1
0.01
0.001
V
+
= +2.5V, V
-
= -2.5V
VOUT = 2VPP
Gain = 10
Gain = 100
Gain = 1000
0
1
2
3
4
5
VOUT (V)
-50
-60
-70
-80
-90
-100
V
+
= +2.5V
V
-
= -2.5V
f = 1 kHz
BW = 22 kHz
GAIN = 1000
GAIN = 100
GAIN = 10
-1.9
-1.5
-1.1
-0.7
-0.3
0.1
0.5
VCM (V)
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-40°C
25°C
125°C
V
+
= +1.65V
V
-
= -1.65V
-3.0 -2.5 -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
V
+
= +2.5V
V
-
= -2.5V
125°C
-40°C
25°C
VCM (V)
LMP8358
www.ti.com
SNOSB09B – APRIL 2010 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
V
+ = 3.3V and T
A = 25°C unless otherwise noted.
Input Bias Current
Input Bias Current
vs.
vs.
VCM, VS = 3.3V
VCM, VS = 5.0V
Figure 35.
Figure 36.
THD+N
THD+N
vs.
vs.
Frequency
VOUT
Figure 37.
Figure 38.
ITEST1
ITEST2
vs.
vs.
VCM
VCM
Figure 39.
Figure 40.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMP8358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com