Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8358MT/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8358MT/NOPB
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8358MT/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMP8358MT/NOPB Datasheet HTML 9Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 10Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 11Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 12Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 13Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 14Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 15Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 16Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
-7
-5
-3
-1
1
3
5
7
VOS (PV)
35
30
25
20
15
10
5
0
GAIN = 1000
V
+
= +1.65V
V
-
= -1.65V
SAMPLE SIZE = 10000
-7
-5
-3
-1
1
3
5
7
VOS (PV)
35
30
25
20
15
10
5
0
SAMPLE SIZE = 10000
GAIN = 1000
V
+
= +2.5V
V
-
= -2.5V
-0.1
-0.06
-0.02
0.02
0.06
0.1
GAIN ERROR (%)
45
40
35
30
25
20
15
10
5
0
SAMPLE SIZE = 10000
GAIN = 100
V
+
= +1.65V
V
-
= -1.65V
-0.1
-0.06
-0.02
0.02
0.06
0.1
GAIN ERROR (%)
25
20
15
10
5
0
GAIN = 1000
V
+
= +1.65V
V
-
= -1.65V
SAMPLE SIZE = 10000
-0.5
0.0
0.5
1.0
1.5
2.0
VCM (V)
0.03
0.02
0.01
0
-0.01
-0.02
-0.03
GAIN = 10
GAIN = 100
V
+
= +3.3V
V
-
= 0V
-0.1
-0.06
-0.02
0.02
0.06
0.1
GAIN ERROR (%)
25
20
15
10
5
0
SAMPLE SIZE = 10000
GAIN = 10
V
+
= +1.65V
V
-
= -1.65V
LMP8358
www.ti.com
SNOSB09B – APRIL 2010 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
V
+ = 3.3V and T
A = 25°C unless otherwise noted.
Gain Error
vs.
Common Mode Voltage, VS = 3.3V
Gain Error Distribution, Gain = 10, VS = 3.3V
Figure 11.
Figure 12.
Gain Error Distribution, Gain = 100, VS = 3.3V
Gain Error Distribution, Gain = 1000, VS = 3.3V
Figure 13.
Figure 14.
VOS Distribution, VS = 3.3V
VOS Distribution, VS = 5.0V
Figure 15.
Figure 16.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMP8358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com