Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8358MT/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8358MT/NOPB
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8358MT/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMP8358MT/NOPB Datasheet HTML 2Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 3Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 4Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 5Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 6Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 7Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 8Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 9Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
LMP8358
SNOSB09B – APRIL 2010 – REVISED MARCH 2013
www.ti.com
5.0V Electrical Characteristics (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C. V
+ = 5.0V , V− = 0V, V
REF = V
+/2, V
CM = V
+/2, R
L = 10 kΩ to
VREF, CL = 10 pF; Serial Control Register: G[2:0] = 110b (Gain = 1000x), COMP[2:0] = 000b, MUX[1:0] = 00b, POL, SHDN,
FILT, PIN = 0b, CUR[2:0] = 000b. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
CMRR
Common Mode Rejection Ratio
V−
− 0.1V ≤ VCM ≤ V
+ − 1.4V
116
142
dB
105
VREFRR VREF Rejection Ratio
V− + 0.1V
≤ VREFF ≤ V
+ − 1.4V
115
150
dB
105
CMVR
Common Mode Voltage Range
CMRR
≥ 115 dB
−0.1
3.6
V
PSRR
Power supply Rejection Ratio
2.7V
≤ V+ ≤ 5.5V
112
138
dB
105
EMIRR
Electro Magnetic Interference Rejection
+IN /
−IN, VRF = 100 mVP, f = 900 MHz
83
dB
Ratio
+IN /
−IN, VRF = 100 mVP, f = 1800 MHz
93
ZINDM
Differential Input Impedance
50||1
M
Ω ‖ pF
ZINCM
Common Mode Input Impedance
50||1
M
Ω ‖ pF
VINDM
Differential Mode Input Voltage
±100
mV
IB
Input Bias Current
0.006
1.2
nA
2
IOS
Input Offset Current
0.2
113
pA
en
Input Voltage Noise Density
Gain = 10, f = 1 kHz
25
Gain = 20, f = 1 kHz
28
Gain = 50, f = 1 kHz
26
Gain = 100, f = 1 kHz
25
nV/
√Hz
Gain = 200, f = 1 kHz
28
Gain = 500, f = 1 kHz
26
Gain = 1000, f = 1 kHz
25
Gain = External, f = 1 kHz
25
en
Input Voltage Noise
Gain = 10, 0.1 Hz < f < 10 Hz
0.7
Gain = 20, 0.1 Hz < f < 10 Hz
0.7
Gain = 50, 0.1 Hz < f < 10 Hz
0.5
Gain = 100, 0.1 Hz < f < 10 Hz
0.6
µVPP
Gain = 200, 0.1 Hz < f < 10 Hz
0.6
Gain = 500, 0.1 Hz < f < 10 Hz
0.5
Gain = 1000, 0.1 Hz < f < 10 Hz
0.6
Gain = External, 0.1 Hz < f < 10 Hz
0.6
In
Input Current Noise Density
Gain = 100, f = 1 kHz
0.5
pA/
√Hz
GE
Gain Error
Gain = 10, 20, 50, 100, 200, 500
0.03
0.1
%
VOUT = VREF + 1V and VOUT = VREF − 1V
0.15
GE
Gain Error
Gain = 1000
0.03
0.15
%
VOUT = VREF + 1V and VOUT = VREF − 1V
0.25
GE
Gain Error Contribution from chip
VOUT = VREF + 1V and VOUT = VREF − 1V
0.03
%
Gain Error Temperature Coefficient
For all gain settings (internal and external),
3
16
ppm/°C
VOUT = VREF + 1V and
VOUT = VREF − 1V
NL
Non-Linearity
3
100
ppm
GBW
Gain Bandwidth
COMP[2:0] = 000b, Gain > 10
8
COMP[2:0] = 001b, Gain > 100
24
COMP[2:0] = 010b, Gain > 200
80
MHz
COMP[2:0] = 011b, Gain > 500
240
COMP[2:0] = 1xxb,
0.8
Gain => 1
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMP8358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com