Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8358MT/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8358MT/NOPB
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8358MT/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMP8358MT/NOPB Datasheet HTML 1Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 2Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 3Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 4Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 5Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 6Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 7Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 8Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
LMP8358
www.ti.com
SNOSB09B – APRIL 2010 – REVISED MARCH 2013
Operating Ratings
(1)
Temperature Range
−40°C to 125°C
Supply Voltage (VS = V
+ – V−)
2.7V to 5.5V
VIN Differential (V+IN − V−IN)
±100mV
Package Thermal Resistance (
θJA
(2))
14-Pin SOIC
145°C/W
14-Pin TSSOP
135°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but for which specific performance is not ensured. For ensured specifications and the test
conditions, see Electrical Characteristics.
(2)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC Board.
3.3V Electrical Characteristics
Unless otherwise specified, all limits are ensured for TA = 25°C. V
+ = 3.3V , V− = 0V, V
REF = V
+/2, V
CM = V
+/2, R
L = 10 kΩ to
VREF, CL = 10 pF; Serial Control Register: G[2:0] = 110b (Gain = 1000x), COMP[2:0] = 000b, MUX[1:0] = 00b, POL, SHDN,
FILT, PIN = 0b, CUR[2:0] = 000b. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
VOS
Input Offset Voltage
VCM = V
+/2
1
10
15
µV
VCM = 0V
1
10
15
TCVOS
Input Offset Voltage Temperature Drift(3)
VCM = V
+/2
50
nV/°C
VCM = 0V
50
CMRR
Common Mode Rejection Ratio
V−
− 0.1V ≤ VCM ≤ V
+ − 1.4V
110
139
dB
105
CMVR
Common Mode Voltage Range
CMRR
≥ 110 dB
−0.1
1.9
V
VREFRR VREF Rejection Ratio
V− + 0.1V
≤ VREFF ≤ V
+ − 1.4V
110
145
dB
105
PSRR
Power supply Rejection Ratio
2.7V
≤ V+ ≤ 5.5V
112
138
dB
105
EMIRR
Electro Magnetic Interference Rejection
+IN /
−IN, VRF = 100 mVP, f = 900 MHz
83
dB
Ratio
+IN /
−IN, VRF = 100 mVP, f = 1800 MHz
93
ZINDM
Differential Input Impedance
50||1
M
Ω ‖ pF
ZINCM
Common Mode Input Impedance
50||1
M
Ω ‖ pF
VINDM
Differential Mode Input Voltage
±100
mV
IB
Input Bias Current
0.006
1.2
nA
2
IOS
Input Offset Current
0.1
112
pA
en
Input Voltage Noise Density
Gain = 10, f = 1 kHz
27
Gain = 20, f = 1 kHz
31
Gain = 50, f = 1 kHz
28
Gain = 100, f = 1 kHz
27
nV/
√Hz
Gain = 200, f = 1 kHz
28
Gain = 500, f = 1 kHz
28
Gain = 1000, f = 1 kHz
27
Gain = External, f = 1 kHz
27
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical Values indicate the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(3)
The offset voltage average drift is determined by dividing the value of VOS at the temperature extremes by the total temperature change.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMP8358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com