Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8358MT/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8358MT/NOPB
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8358MT/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LMP8358MT/NOPB Datasheet HTML 14Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 15Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 16Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 17Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 18Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 19Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 20Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 21Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
0.1
1
10
100
1000
10000
FREQUENCY (MHz)
140
120
100
80
60
40
20
0
GAIN = 10
V
+
= +2.5V
V
-
= -2.5V
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
12
10
9
7
6
4
125°C
25°C
-40°C
RL = 10 kÖ
-3.0 -2.5 -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5
VCM (V)
103.0
102.5
102.0
101.5
101.0
CUR[2:0] = 101b
V
+
= +2.5V
V
-
= -2.5V
25°C
125°C
- 40°C
2.5
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
15
13
11
9
7
5
RL = 10 kÖ
125°C
25°C
-40°C
-3.0 -2.5 -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5
VCM (V)
1.10
1.08
1.06
1.04
1.02
1.00
CUR[2:0] = 011b
V
+
= +2.5V
V
-
= -2.5V
125°C
25°C
-40°C
-3.0 -2.5 -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5
VCM (V)
10.40
10.38
10.36
10.34
10.32
10.30
CUR[2:0] = 100b
V
+
= +2.5V
V
-
= -2.5V
-40°C
25°C
125°C
LMP8358
SNOSB09B – APRIL 2010 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
V
+ = 3.3V and T
A = 25°C unless otherwise noted.
ITEST3
ITEST4
vs.
vs.
VCM
VCM
Figure 41.
Figure 42.
ITEST5
Output Swing High
vs.
vs.
VCM
Supply Voltage
Figure 43.
Figure 44.
Output Swing Low
EMIRR IN+
vs.
vs.
Supply Voltage
Frequency
Figure 45.
Figure 46.
18
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMP8358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com