Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8358MT/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8358MT/NOPB
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8358MT/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LMP8358MT/NOPB Datasheet HTML 21Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 22Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 23Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 24Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 25Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 26Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 27Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 28Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
+IN
-IN
OUT
1
2
6
VOUT = Gain((+IN) ± (±IN))
+
±
+IN
-IN
OUT
1
2
6
VOUT = Gain((±IN) ± (+IN))
+
±
OUT
FB
REFS
REFF
CFILTER
R1
R2
VOUT
VREF
Z1
Z2
LMP8358
www.ti.com
SNOSB09B – APRIL 2010 – REVISED MARCH 2013
Figure 53. External Gain Set Resistors and Filter Capacitor
Frequency Compensation (Serial)
The gain-bandwidth compensation is set to one of five levels under program control. The amount of
compensation can be decreased to maximize the available bandwidth as the gain of the amplifier is increased.
The compensation level is selected by setting bits COMP[2:0] of the control register with 000b, 001b, 010b, 011b,
or 1xxb. Table 8 shows the bandwidths achieved at the selectable gain and compensation settings. Note that for
gains 10X and 20X, the recommended compensation setting is 000b. For the gain setting 50X, compensation
settings may be 000b and 001b. Gain settings 100X and 200X may use the three bandwidth compensation
settings 000b, 001b, and 010b. At gains of 500X and 1000X, all bandwidth compensation ranges may be used.
Note that for lower gains, it is possible to under compensate the amplifier into instability.
Table 8. Frequency Compensation (Register bits 5:3)
Bandwidth
Gain\COMP [2:0]
000
001
010
011
1xx
10
930 kHz
n/a
n/a
n/a
74 kHz
20
385 kHz
n/a
n/a
n/a
37 kHz
50
160 kHz
460 kHz
n/a
n/a
16 kHz
100
80 kHz
225 kHz
640 kHz
n/a
8 kHz
200
38 kHz
95 kHz
195 kHz
n/a
4 kHz
500
16 kHz
40 kHz
85 kHz
130 kHz
1.5 kHz
1000
8 kHz
22 kHz
50 kHz
89 kHz
0.8 kHz
User Defined Gain
> 10x
> 30x
> 100x
> 300x
> 1x
GBW Product
8 MHz
24 MHz
80 MHz
240 MHz
0.8 MHz
(For external filter cap)
Input Multiplexer and Polarity Switch (Serial)
The Input Multiplexer Selection bits MUX[1:0] and Polarity bit POL can be used to set the inputs of the LMP8358
to the states shown in Table 9.
Table 9. Input Multiplexer and Polarity (Register bits 8:6)
MUX1
MUX0
Diff Input for POL = 0
Diff Input for POL = 1
0
0
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LMP8358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com