Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8358MT/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8358MT/NOPB
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8358MT/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMP8358MT/NOPB Datasheet HTML 1Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 2Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 3Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 4Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 5Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 6Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 7Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 8Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
LMP8358
www.ti.com
SNOSB09B – APRIL 2010 – REVISED MARCH 2013
LMP8358 Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
Check for Samples: LMP8358
1
FEATURES
DESCRIPTION
The LMP8358 is a precision programmable-gain
23
Typical Values Unless Otherwise Noted, TA =
instrumentation amplifier in TI's LMP™ precision
25°C
amplifier family. Its gain can be programmed to 10,
•
Supply Voltage 2.7V to 5.5V
20, 50, 100, 200, 500, or 1000 through an SPI-
•
Supply Current 1.8 mA
compatible serial interface or through a parallel
interface. Alternatively, its gain can be set to an
•
Max Gain Error 0.15%
arbitrary value using two external resistors. The
•
Max Gain Drift 16 ppm/°C
LMP8358 uses patented techniques to measure and
•
Min CMRR 110 dB
continuously
correct
its
input
offset
voltage,
eliminating offset drift over time and temperature and
•
Max Offset Voltage 10 µV
the effect of 1/f noise. Its ground-sensing CMOS input
•
Max Offset Voltage Drift 50 nV/°C
features a high CMRR and low input bias currents. It
•
GBW (Gain = 10) 8 MHz
is capable of sensing differential input voltages in a
common-mode range that extends from 100mV below
•
Max Non-Linearity 100 ppm
the negative supply to 1.4V below the positive supply,
•
Operating Temperature Range
−40°C to 125°C
making it an ideal solution for interfacing with ground-
•
Input Fault Detection
referenced
sensors,
supply-referenced
sensor
bridges, and any other application requiring precision
•
SPI or Pin Configurable Modes
and long-term stability. Additionally, the LMP8358
•
EMIRR at 1.8GHz 92 dB
includes fault detection circuitry to detect open and
•
14-Pin SOIC and 14-Pin TSSOP Package
shorted inputs and deteriorating connections to the
signal source. Other features that make the LMP8358
APPLICATIONS
a versatile solution for many applications are its rail-
to-rail output, low input voltage noise and high gain-
•
Bridge Sensor Amplifier
bandwidth product.
•
Thermopile Amplifier
•
Portable Instrumentation
•
Medical Instrumentation
•
Precision Low-side Current Sensing
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
LMP is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMP8358MT/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8358MT NSC-LMP8358MT Datasheet
1,015Kb / 32P
Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
LMP8358MTX NSC-LMP8358MTX Datasheet
1,015Kb / 32P
Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
More results

Similar Description - LMP8358MT/NOPB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6915 LINER-LTC6915 Datasheet
289Kb / 16P
Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Analog Devices
AD8231 AD-AD8231_07 Datasheet
137Kb / 8P
Zero Drift, Digital Programmable Instrumentation Amplifier
Rev. PrC
AD8231 AD-AD8231 Datasheet
630Kb / 20P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. 0
logo
Texas Instruments
PGA280 TI-PGA280 Datasheet
900Kb / 45P
Zero-Drift High-Voltage Programmable Gain INSTRUMENTATION AMPLIFIER
logo
National Semiconductor ...
LMP8358 NSC-LMP8358 Datasheet
1,015Kb / 32P
Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
logo
Analog Devices
AD8231 AD-AD8231_1 Datasheet
686Kb / 24P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. A
AD8231 AD-AD8231_15 Datasheet
589Kb / 24P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. B
logo
Linear Technology
LTC6915 LINER-LTC6915_15 Datasheet
295Kb / 18P
Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Analog Devices
AD8231 AD-AD8231_16 Datasheet
668Kb / 25P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. C
AD8231 AD-AD8231_V01 Datasheet
725Kb / 24P
Zero Drift, Digitally Programmable Instrumentation Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com