Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8358MT/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8358MT/NOPB
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8358MT/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMP8358MT/NOPB Datasheet HTML 8Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 9Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 10Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 11Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 12Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 13Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 14Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 15Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
-0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
VCM (V)
0.03
0.02
0.01
0
-0.01
-0.02
-0.03
GAIN = 10
GAIN = 100
V
+
= +5V
V
-
= 0V
10k
100k
1M
10M
50
40
30
20
10
0
GAIN = 100
COMP = 000
V
+
= +2.5V
V
-
= -2.5V
CL = 10 pF
CL = 100 pF
CL = 200 pF
CL = 200 pF
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
70
60
50
40
30
20
GAIN = 1000
V
+
= +2.5V
V
-
= -2.5V
COMP = 001
COMP = 000
COMP = 011
COMP = 100
COMP = 010
100k
1M
10M
30
20
10
0
-10
-20
GAIN = 10
COMP = 000
V
+
= +2.5V
V
-
= -2.5V
CL = 10 pF
CL = 200 pF
CL = 200 pF
CL = 100 pF
CL = 10 pF
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
30
20
10
0
-10
-20
COMP = 100
COMP = 000
GAIN = 10
V
+
= +2.5V
V
-
= -2.5V
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
50
40
30
20
10
GAIN = 100
V
+
= +2.5V
V
-
= -2.5V
COMP = 001
COMP = 000
COMP = 010
COMP = 100
LMP8358
SNOSB09B – APRIL 2010 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
V
+ = 3.3V and T
A = 25°C unless otherwise noted.
Gain
Gain
vs.
vs.
Frequency for Various COMP Settings
Frequency for Various COMP Settings
Figure 5.
Figure 6.
Gain
Gain
vs.
vs.
Frequency for Various COMP Settings
Frequency for Various Cap Loads
Figure 7.
Figure 8.
Gain
Gain Error
vs.
vs.
Frequency for Various Cap Loads
Common Mode Voltage, VS = 5V
Figure 9.
Figure 10.
12
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMP8358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com