Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8358MT/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8358MT/NOPB
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8358MT/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMP8358MT/NOPB Datasheet HTML 1Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 2Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 3Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 4Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 5Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 6Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 7Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 8Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
LMP8358
SNOSB09B – APRIL 2010 – REVISED MARCH 2013
www.ti.com
3.3V Electrical Characteristics (continued)
Unless otherwise specified, all limits are ensured for TA = 25°C. V
+ = 3.3V , V− = 0V, V
REF = V
+/2, V
CM = V
+/2, R
L = 10 kΩ to
VREF, CL = 10 pF; Serial Control Register: G[2:0] = 110b (Gain = 1000x), COMP[2:0] = 000b, MUX[1:0] = 00b, POL, SHDN,
FILT, PIN = 0b, CUR[2:0] = 000b. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
en
Input Voltage Noise
Gain = 10, 0.1 Hz < f < 10 Hz
0.9
Gain = 20, 0.1 Hz < f < 10 Hz
0.6
Gain = 50, 0.1 Hz < f < 10 Hz
0.6
Gain = 100, 0.1 Hz < f < 10 Hz
0.7
µVPP
Gain = 200, 0.1 Hz < f < 10 Hz
0.6
Gain = 500, 0.1 Hz < f < 10 Hz
0.6
Gain = 1000, 0.1 Hz < f < 10 Hz
0.6
Gain = External, 0.1 Hz < f < 10 Hz
0.6
In
Input Current Noise Density
Gain = 100, f = 1 kHz
0.5
pA/
√Hz
GE
Gain Error
Gain = 10, 20, 50, 100, 200, 500
0.03
0.1
%
VOUT = VREF + 1V and VOUT = VREF − 1V
0.15
GE
Gain Error
Gain = 1000
0.03
0.15
%
VOUT = VREF + 1V and VOUT = VREF − 1V
0.25
GE
Gain Error Contribution from Chip
VOUT = VREF + 1V and VOUT = VREF − 1V
0.03
%
Gain Error Temperature Coefficient
For all gain settings (internal and external),
3
16
ppm/°C
VOUT = VREF + 1V and
VOUT = VREF − 1V
NL
Non-Linearity
3.3
100
ppm
GBW
Gain Bandwidth
COMP[2:0] =000b, Gain > 10
8
COMP[2:0] = 001b, Gain > 30
24
COMP[2:0] = 010b, Gain > 200
80
MHz
COMP[2:0] = 011b, Gain > 300
240
COMP[2:0] = 1xxb, Gain > 1
0.8
BW
−3 dB Bandwidth
Gain = 10, COMP[2:0] = 000b
900
Gain = 10, COMP[2:0] = 1xxb
70
Gain = 20, COMP[2:0] = 000b
400
Gain = 20, COMP[2:0] = 1xxb
37
Gain = 50, COMP[2:0] = 001b
490
Gain = 50, COMP[2:0] = 1xxb
16
Gain = 100, COMP[2:0] = 010b
680
kHz
Gain = 100, COMP[2:0] = 1xxb
8
Gain = 200, COMP[2:0] = 010b
195
Gain = 200, COMP[2:0] = 1xxb
4
Gain = 500, COMP[2:0] = 011b
130
Gain = 500, COMP[2:0] = 1xxb
1.5
Gain = 1000, COMP[2:0] = 011b
89
Gain = 1000, COMP[2:0] = 1xxb
0.8
SR
Slew Rate(4)
COMP[2:0] = 000b, 10% to 90% of Step,
1.6
VOUT = 2 VPP
COMP[2:0] = 001b, 10% to 90% of Step,
3.8
VOUT = 2 VPP
COMP[2:0] = 010b, 10% to 90% of Step,
6.5
V/µs
VOUT = 2 VPP
COMP[2:0] = 011b, 10% to 90% of Step,
9.3
VOUT = 2 VPP
COMP[2:0] = 1xxb, 10% to 90% of Step,
0.17
VOUT = 2 VPP
(4)
Slew rate is the average of the rising and falling slew rates.
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMP8358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com