Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8358MT/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8358MT/NOPB
Description  Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8358MT/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMP8358MT/NOPB Datasheet HTML 1Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 2Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 3Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 4Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 5Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 6Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 7Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 8Page - Texas Instruments LMP8358MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
MICRO
CONTROLLER
+IN
-IN
REFS
REFF
FB
OUT
+5V
1
2
3
4
5
6
7
VHSER/VLPAR
V
-
VLSER/VHPAR
SCK/G2
SDI/G1
SDO/G0
8
9
10
11
12
13
14
V
+
LMP8358
CSB/SHDN
+3.3V
R3
R4
R1
R2
EMI
VBRIDGE
+
0.1 PF
10 PF
VREF
To Next SPI Device
LMP8358
SNOSB09B – APRIL 2010 – REVISED MARCH 2013
www.ti.com
Typical Application
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance (3)
Human Body Model
2kV
Machine Model
200V
Charge Device
1kV
VIN Differential (V+IN − V−IN)
VS
Output Short Circuit Duration (4)
Any pin relative to V−
6V,
−0.3V
+IN,
−IN, OUT Pins
V+ +0.3V, V−
−0.3V
+IN,
−IN Pins
±10 mA
Storage Temperature Range
−65°C to 150°C
Junction Temperature (5)
150°C
For soldering specifications: see product folder at www.ti.com and http://www.ti.com/lit/SNOA549.
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but for which specific performance is not ensured. For ensured specifications and the test
conditions, see Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22–A115–A (ESD MM std. of
JEDEC). Field-Induced Charge-Device Model, applicable std. JESD22–C101–C (ESD FICDM std. of JEDEC).
(4)
The short circuit test is a momentary test which applies to both single-supply and split-supply operation. Continuous short circuit
operation at elevated ambient temperature can exceed the maximum allowable junction temperature of 150°C.
(5)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA)/ θJA. All numbers apply for packages soldered directly onto a PC Board.
2
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMP8358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com