Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 158 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 158 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 154Page - Texas Instruments TMS320DM814x Datasheet HTML 155Page - Texas Instruments TMS320DM814x Datasheet HTML 156Page - Texas Instruments TMS320DM814x Datasheet HTML 157Page - Texas Instruments TMS320DM814x Datasheet HTML 158Page - Texas Instruments TMS320DM814x Datasheet HTML 159Page - Texas Instruments TMS320DM814x Datasheet HTML 160Page - Texas Instruments TMS320DM814x Datasheet HTML 161Page - Texas Instruments TMS320DM814x Datasheet HTML 162Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
4.2.5
SPI Boot
Table 4-6 lists the device pins that are configured by the ROM for the SPI boot mode.
Table 4-6. Pins Used in SPI Bootmode
SIGNAL NAME
PIN NO.
TYPE
SPI[0]_SCS[0]
AD6
I/O
SPI[0]_D[0] (MISO)
AE3
I/O
SPI[0]_D[1] (MOSI)
AF3
I/O
SPI[0]_SCLK
AC7
I/O
4.2.6
Ethernet PHY Mode Selection
When the EMAC bootmode is selected, via the BTMODE[4:0] pins (see Table 4-1), Table 4-7 shows the
sampled value of BTMODE[9:8] pins and the Ethernet PHY Mode selection.
Table 4-8 shows the signal names (pin functions) and the associated pin numbers selected in each
particular EMAC mode.
Table 4-7. EMAC PHY Mode Selection
ETHERNET PHY MODE
BTMODE[9:8]
SELECTION
00b
MII
01b
RMII
10b
RGMII
11b
RESERVED
Table 4-8. Pins Used in EMAC[0] MII/GMII, RGMII, and RMII Boot Modes
SIGNAL NAMES
PIN NO.
MII/GMII
TYPE
RGMII
TYPE
RMII
TYPE
Output
J27
DEFAULT
DEFAULT
EMAC_RMREFCLK
only
L23
EMAC[0]_MCOL
I
EMAC[0]_RGRXCTL
I
EMAC[0]_RMRXD[0]
I
R25
EMAC[0]_MCRS
I
EMAC[0]_RGRXD[2]
I
EMAC[0]_RMRXD[1]
I
K23
EMAC[0]_GMTCLK
O
DEFAULT
DEFAULT
H27
EMAC[0]_MRCLK
I
EMAC[0]_RGTXC
O
EMC[0]_RMCRSDV
I
G28
EMAC[0]_MRXD[0]
I
EMAC[0]_RGTXD[0]
O
EMAC[0]_RMTXD[0]
O
P23
EMAC[0]_MRXD[1]
I
EMAC[0]_RGRXD[0]
I
EMAC[0]_RMTXD[1]
O
R23
EMAC[0]_MRXD[2]
I
EMAC[0]_RGRXD[1]
I
EMAC[0]_RMTXEN
O
J25
EMAC[0]_MRXD[3]
I
DEFAULT
DEFAULT
T23
EMAC[0]_MRXD[4]
I
EMAC[0]_RGRXD[3]
I
DEFAULT
H26
EMAC[0]_MRXD[5]
I
EMAC[0]_RGTXD[3]
O
DEFAULT
F28
EMAC[0]_MRXD[6]
I
EMAC[0]_RGTXD[2]
O
DEFAULT
G27
EMAC[0]_MRXD[7]
I
EMAC[0]_RGTXD[1]
O
DEFAULT
K22
EMAC[0]_MRXDV
I
DEFAULT
DEFAULT
J26
EMAC[0]_MRXER
I
EMAC[0]_RGTXCTL
O
EMAC[0]_RMRXER
I
L24
EMAC[0]_MTCLK
I
EMAC[0]_RGRXC
I
DEFAULT
J24
EMAC[0]_MTXD[0]
O
DEFAULT
DEFAULT
H25
EMAC[0]_MTXD[1]
O
DEFAULT
DEFAULT
H22
EMAC[0]_MTXD[2]
O
DEFAULT
DEFAULT
158
Device Configurations
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com