Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 160 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 160 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 156Page - Texas Instruments TMS320DM814x Datasheet HTML 157Page - Texas Instruments TMS320DM814x Datasheet HTML 158Page - Texas Instruments TMS320DM814x Datasheet HTML 159Page - Texas Instruments TMS320DM814x Datasheet HTML 160Page - Texas Instruments TMS320DM814x Datasheet HTML 161Page - Texas Instruments TMS320DM814x Datasheet HTML 162Page - Texas Instruments TMS320DM814x Datasheet HTML 163Page - Texas Instruments TMS320DM814x Datasheet HTML 164Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Some peripheral pin functions can be routed to more than one device pin. These types of peripheral pin
functions are called Multimuxed (MM) and may have different Switching Characteristics and Timing
Requirements for each device pin option. The Multimuxed peripheral pin functions are labeled as "MM" in
Terminal Functions tables in Section 3.2, Terminal Functions and the associated timings for each MM pin
option are in Section 8, Peripheral Information and Timings.
For more detailed information on the Pin Control 1 through Pin Control 270 (PINCNTLx) registers
breakout, see Figure 4-1 and Table 4-11. For the register reset values of each PINCNTLx register, see
Table 4-13, PINCNTLx Registers MUXMODE Functions.
Figure 4-1. PINCNTL1 – PINCNTL270 (PINCNTLx) Registers Breakout
31
24
23
20
19
18
17
16
RESERVED
RESERVED
RSV
RXAC
PLLTY
PLLU
TIVE
PESE
DEN
L
R - 0000 0000
R - 0000
R/W (see Table 4-13 for register
reset value)
15
8
7
0
RESERVED
MUXMODE[7:0] (see Table 4-13)
R - 0000 0000
R/W - 0000 0000
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 4-11. PINCNTL1 – PINCNTL270 (PINCNTLx) Registers Bit Descriptions
Bit
Field
Description
Comments
31:20
RESERVED
Reserved. Read only, writes have no effect.
Reserved. This bit must always be written with the
19
RSV
reset (default) value.
(See Table 4-13 for full register reset value)
Receiver Enable
18
RXACTIVE
0 = Receiver Disabled
1 = Receiver Enabled
For PINCNTLx register reset value
Pullup/Pulldown Type Selection bit
examples, see Table 4-12,
17
PLLTYPSEL
PNICNTLx Register Reset Value
0 = Pulldown (PD) selected
Examples.
1 = Pullup (PU) selected
For the full register reset values of all
Pullup/Pulldown Enable bit
PINCNTLx registers, see Table 4-13,
16
PLLUDEN
0 = PU/PD enabled
PINCNTLx Registers MUXMODE
1 = PU/PD disabled
Functions.
15:8
RESERVED
Reserved. Read only, writes have no effect.
MUXMODE Selection bits
These bits select the multiplexed mode pin function
settings (seeTable 4-13, PINCNTLx Registers
7:0
MUXMODE[7:0]
MUXMODE Functions). A value of zero results in the
pin being tri-stated. Non-zero values other than those
shown in Table 4-13 are Reserved.
160
Device Configurations
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com