Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 164 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 164 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 160Page - Texas Instruments TMS320DM814x Datasheet HTML 161Page - Texas Instruments TMS320DM814x Datasheet HTML 162Page - Texas Instruments TMS320DM814x Datasheet HTML 163Page - Texas Instruments TMS320DM814x Datasheet HTML 164Page - Texas Instruments TMS320DM814x Datasheet HTML 165Page - Texas Instruments TMS320DM814x Datasheet HTML 166Page - Texas Instruments TMS320DM814x Datasheet HTML 167Page - Texas Instruments TMS320DM814x Datasheet HTML 168Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Table 4-13. PINCNTLx Registers MUXMODE Functions (continued)
HEX
REGISTER
MUXMODE[7:0] SETTINGS
REGISTER
PIN
ADDRESS
RESET
NAME
NO.
0x1
0x2
0x4
0x8
0x10
0x20
0x40
0x80
VALUE
0x4814 0960
PINCNTL89
U26
0x0005 0000
GPMC_D[0]
BTMODE[0]
0x4814 0964
PINCNTL90
Y28
0x0005 0000
GPMC_D[1]
BTMODE[1]
0x4814 0968
PINCNTL91
V27
0x0005 0000
GPMC_D[2]
BTMODE[2]
0x4814 096C
PINCNTL92
W27
0x0005 0000
GPMC_D[3]
BTMODE[3]
0x4814 0970
PINCNTL93
V26
0x0005 0000
GPMC_D[4]
BTMODE[4]
0x4814 0974
PINCNTL94
AA28
0x0005 0000
GPMC_D[5]
BTMODE[5]
0x4814 0978
PINCNTL95
U25
0x0005 0000
GPMC_D[6]
BTMODE[6]
0x4814 097C
PINCNTL96
V25
0x0005 0000
GPMC_D[7]
BTMODE[7]
0x4814 0980
PINCNTL97
Y27
0x0005 0000
GPMC_D[8]
BTMODE[8]
0x4814 0984
PINCNTL98
AB28
0x0005 0000
GPMC_D[9]
BTMODE[9]
0x4814 0988
PINCNTL99
Y26
0x0005 0000
GPMC_D[10]
BTMODE[10]
0x4814 098C
PINCNTL100
AA27
0x0005 0000
GPMC_D[11]
BTMODE[11]
0x4814 0990
PINCNTL101
U24
0x0005 0000
GPMC_D[12]
BTMODE[12]
0x4814 0994
PINCNTL102
U23
0x0005 0000
GPMC_D[13]
BTMODE[13]
0x4814 0998
PINCNTL103
V24
0x0005 0000
GPMC_D[14]
BTMODE[14]
0x4814 099C
PINCNTL104
Y25
0x0005 0000
GPMC_D[15]
BTMODE[15]
0x4814 09A0
PINCNTL105
AD27
0x0004 0000
GPMC_A[16]
GP2[5]
(M0)
0x4814 09A4
PINCNTL106
V23
0x0004 0000
GPMC_A[17]
GP2[6]
(M0)
0x4814 09A8
PINCNTL107
AE28
0x0004 0000
GPMC_A[18]
TIM2_IO
(M2)
GP1[13]
(M0)
0x4814 09AC
PINCNTL108
AC27
0x0004 0000
GPMC_A[19]
TIM3_IO
(M2)
GP1[14]
(M0)
0x4814 09B0
PINCNTL109
AD28
0x0006 0000
SPI[2]_SCS[1]
GPMC_A[20]
(M0)
GP1[15]
(M0)
0x4814 09B4
PINCNTL110
AC28
0x0004 0000
GPMC_A[21]
(M0)
SPI[2]_D[0]
(M0)
GP1[16]
(M0)
0x4814 09B8
PINCNTL111
AB27
0x0006 0000
GPMC_A[22]
(M0)
SPI[2]_D[1]
(M0)
HDMI_CEC
(M0)
TIM4_IO
(M2)
GP1[17]
(M0)
0x4814 09BC
PINCNTL112
AA26
0x0004 0000
GPMC_A[23]
(M0)
SPI[2]_SCLK
(M0)
HDMI_HPDET
(M0)
TIM5_IO
(M2)
GP1[18]
(M0)
0x4814 09C0
PINCNTL113
L25
0x0006 0000
SD2_DAT[7]
GP1[19]
GPMC_A[24]
(M0)
GPMC_A[20]
(M1)
UART2_RXD
(M3)
0x4814 09C4
PINCNTL114
N23
0x0006 0000
SD2_DAT[6]
GP1[20]
GPMC_A[25]
(M0)
GPMC_A[21]
(M1)
UART2_TXD
(M3)
0x4814 09C8
PINCNTL115
P22
0x0006 0000
SD2_DAT[5]
GP1[21]
GPMC_A[26]
(M0)
GPMC_A[22]
(M1)
TIM6_IO
(M2)
0x4814 09CC
PINCNTL116
R24
0x0006 0000
SD2_DAT[4]
GPMC_CS[7]
GP1[22]
GPMC_A[27]
(M0)
GPMC_A[23]
(M1)
EDMA_EVT0
(M1)
TIM7_IO
(M2)
0x4814 09D0
PINCNTL117
J28
0x0006 0000
SD2_DAT[3]
GPMC_A[1]
(M1)
GP2[5]
(M1)
0x4814 09D4
PINCNTL118
K27
0x0006 0000
SD2_DAT[2]_SDRW
GPMC_A[2]
(M1)
GP2[6]
(M1)
0x4814 09D8
PINCNTL119
M24
0x0006 0000
SD2_DAT[1]_SDIRQ
GPMC_A[3]
(M1)
GP1[13]
(M1)
0x4814 09DC
PINCNTL120
L26
0x0006 0000
SD2_DAT[0]
GPMC_A[4]
(M1)
GP1[14]
(M1)
0x4814 09E0
PINCNTL121
M23
0x0006 0000
SD2_CLK
GP1[15]
(M1)
0x4814 09E4
PINCNTL122
T28
0x0006 0000
GPMC_CS[0]
GP1[23]
0x4814 09E8
PINCNTL123
K28
0x0006 0000
GPMC_CS[1]
GP1[24]
GPMC_A[25]
(M1)
164
Device Configurations
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com