Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 167 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 167 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 163Page - Texas Instruments TMS320DM814x Datasheet HTML 164Page - Texas Instruments TMS320DM814x Datasheet HTML 165Page - Texas Instruments TMS320DM814x Datasheet HTML 166Page - Texas Instruments TMS320DM814x Datasheet HTML 167Page - Texas Instruments TMS320DM814x Datasheet HTML 168Page - Texas Instruments TMS320DM814x Datasheet HTML 169Page - Texas Instruments TMS320DM814x Datasheet HTML 170Page - Texas Instruments TMS320DM814x Datasheet HTML 171Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 376 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 4-13. PINCNTLx Registers MUXMODE Functions (continued)
HEX
REGISTER
MUXMODE[7:0] SETTINGS
REGISTER
PIN
ADDRESS
RESET
NAME
NO.
0x1
0x2
0x4
0x8
0x10
0x20
0x40
0x80
VALUE
0x4814 0AE8
PINCNTL187
AG15
0x000C 0000
VOUT[0]_B_CB_C[9]
0x4814 0AEC
PINCNTL188
AH7
0x000C 0000
VOUT[0]_G_Y_YC[2]
EMU3
GP2[24]
Reset by GCR
Only
0x4814 0AF0
PINCNTL189
AH15
0x000C 0000
VOUT[0]_G_Y_YC[3]
GP2[25]
0x4814 0AF4
PINCNTL190
AB8
0x000C 0000
VOUT[0]_G_Y_YC[4]
0x4814 0AF8
PINCNTL191
AB12
0x000C 0000
VOUT[0]_G_Y_YC[5]
0x4814 0AFC
PINCNTL192
AA8
0x000C 0000
VOUT[0]_G_Y_YC[6]
0x48140B00
PINCNTL193
AD14
0x000C 0000
VOUT[0]_G_Y_YC[7]
0x48140B04
PINCNTL194
AE14
0x000C 0000
VOUT[0]_G_Y_YC[8]
0x48140B08
PINCNTL195
AF14
0x000C 0000
VOUT[0]_G_Y_YC[9]
0x48140B0C
PINCNTL196
AD9
0x000C 0000
VOUT[0]_R_CR[2]
EMU4
GP2[26]
Reset by GCR
Only
0x4814 0B10
PINCNTL197
AB9
0x000C 0000
VOUT[0]_R_CR[3]
GP2[27]
0x4814 0B14
PINCNTL198
AA9
0x000C 0000
VOUT[0]_R_CR[4]
0x4814 0B18
PINCNTL199
AF8
0x000C 0000
VOUT[0]_R_CR[5]
0x4814 0B1C
PINCNTL200
AF6
0x000C 0000
VOUT[0]_R_CR[6]
0x4814 0B20
PINCNTL201
AF12
0x000C 0000
VOUT[0]_R_CR[7]
0x4814 0B24
PINCNTL202
AE8
0x000C 0000
VOUT[0]_R_CR[8]
0x4814 0B28
PINCNTL203
AC13
0x000C 0000
VOUT[0]_R_CR[9]
0x4814 0B2C
PINCNTL204
AE24
0x0004 0000
VOUT[1]_CLK
EMAC[1]_MTCLK
VIN[1]A_HSYNC
GP2[28]
0x4814 0B30
PINCNTL205
AC24
0x0004 0000
VOUT[1]_HSYNC
EMAC[1]_MCOL
VIN[1]A_VSYNC
GP2[29]
SPI[3]_D[1]
(M2)
UART3_RTS
(M1)
0x4814 0B34
PINCNTL206
AA23
0x0004 0000
VOUT[1]_VSYNC
EMAC[1]_MCRS
VIN[1]A_FLD
VIN[1]A_DE
GP2[30]
SPI[3]_D[0]
(M2)
UART3_CTS
(M1)
0x4814 0B38
PINCNTL207
Y22
0x0004 0000
VOUT[1]_AVID
EMAC[1]_MRXER
VIN[1]A_CLK
GP2[31]
UART4_RTS
(M2)
TIM6_IO
(M1)
0x4814 0B3C
PINCNTL208
AH25
0x0004 0000
VOUT[1]_B_CB_C[3]
EMAC[1]_MRCLK
VIN[1]A_D[0]
GP3[0]
UART4_CTS
(M2)
0x4814 0B40
PINCNTL209
AG25
0x0004 0000
VOUT[1]_B_CB_C[4]
EMAC[1]_MRXD[0]
VIN[1]A_D[1]
GP3[1]
UART4_RXD
(M2)
0x4814 0B44
PINCNTL210
AF25
0x0004 0000
VOUT[1]_B_CB_C[5]
EMAC[1]_MRXD[1]
VIN[1]A_D[2]
GP3[2]
UART4_TXD
(M2)
0x4814 0B48
PINCNTL211
AD25
0x0004 0000
VOUT[1]_B_CB_C[6]
EMAC[1]_MRXD[2]
VIN[1]A_D[3]
GP3[3]
UART3_RXD
(M1)
0x48140B4C
PINCNTL212
AC25
0x0004 0000
VOUT[1]_B_CB_C[7]
EMAC[1]_MRXD[3]
VIN[1]A_D[4]
GP3[4]
UART3_TXD
(M1)
0x4814 0B50
PINCNTL213
AH26
0x0004 0000
VOUT[1]_B_CB_C[8]
EMAC[1]_MRXD[4]
VIN[1]A_D[5]
GP3[5]
I2C[3]_SCL
(M3)
0x4814 0B54
PINCNTL214
AA24
0x0004 0000
VOUT[1]_B_CB_C[9]
EMAC[1]_MRXD[5]
VIN[1]A_D[6]
GP3[6]
I2C[3]_SDA
(M3)
0x4814 0B58
PINCNTL215
Y23
0x0004 0000
VOUT[1]_G_Y_YC[3]
EMAC[1]_MRXD[6]
VIN[1]A_D[8]
GP3[7]
0x4814 0B5C
PINCNTL216
W22
0x0004 0000
VOUT[1]_G_Y_YC[4]
EMAC[1]_MRXD[7]
VIN[1]A_D[9]
GP3[8]
0x4814 0B60
PINCNTL217
AG26
0x0004 0000
VOUT[1]_G_Y_YC[5]
EMAC[1]_MRXDV
VIN[1]A_D[10]
GP3[9]
0x4814 0B64
PINCNTL218
AH27
0x0004 0000
VOUT[1]_G_Y_YC[6]
EMAC[1]_GMTCLK
VIN[1]A_D[11]
GP3[10]
0x4814 0B68
PINCNTL219
AF26
0x0004 0000
VOUT[1]_G_Y_YC[7]
EMAC[1]_MTXD[0]
VIN[1]A_D[12]
GP3[11]
0x4814 0B6C
PINCNTL220
AE26
0x0004 0000
VOUT[1]_G_Y_YC[8]
EMAC[1]_MTXD[1]
VIN[1]A_D[13]
GP3[12]
Copyright © 2011–2013, Texas Instruments Incorporated
Device Configurations
167
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com