Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 166 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 166 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 162Page - Texas Instruments TMS320DM814x Datasheet HTML 163Page - Texas Instruments TMS320DM814x Datasheet HTML 164Page - Texas Instruments TMS320DM814x Datasheet HTML 165Page - Texas Instruments TMS320DM814x Datasheet HTML 166Page - Texas Instruments TMS320DM814x Datasheet HTML 167Page - Texas Instruments TMS320DM814x Datasheet HTML 168Page - Texas Instruments TMS320DM814x Datasheet HTML 169Page - Texas Instruments TMS320DM814x Datasheet HTML 170Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Table 4-13. PINCNTLx Registers MUXMODE Functions (continued)
HEX
REGISTER
MUXMODE[7:0] SETTINGS
REGISTER
PIN
ADDRESS
RESET
NAME
NO.
0x1
0x2
0x4
0x8
0x10
0x20
0x40
0x80
VALUE
0x4814 0A74
PINCNTL158
AF20
0x000E 0000
VIN[0]A_D[18]
CAM_D[10]
EMAC[1]_RMRXD[1]
(
I2C[3]_SCL
(M2)
GP0[12]
(M0)
M1)
0x4814 0A78
PINCNTL159
AF21
0x000E 0000
VIN[0]A_D[19]
CAM_D[11]
EMAC[1]_RMRXD[0]
(
I2C[3]_SDA
(M2)
GP0[13]
(M0)
M1)
0x4814 0A7C
PINCNTL160
AC17
0x000C 0000
VIN[0]A_D[20]
CAM_D[12]
SPI[3]_SCS[0]
EMAC[1]_RMCRSDV
(
GP0[14]
(M0)
M1)
0x4814 0A80
PINCNTL161
AE18
0x0004 0000
VIN[0]A_D[21]
CAM_D[13]
EMAC[1]_RMTXD[0]
(
SPI[3]_SCLK
(M0)
GP0[15]
(M0)
M1)
0x4814 0A84
PINCNTL162
AC21
0x0004 0000
VIN[0]A_D[22]
CAM_D[14]
EMAC[1]_RMTXD[1]
(
SPI[3]_D[1]
(M0)
GP0[16]
(M0)
M1)
0x4814 0A88
PINCNTL163
AC16
0x0004 0000
VIN[0]A_D[23]
CAM_D[15]
EMAC[1]_RMTXEN
(M1
SPI[3]_D[0]
(M0)
GP0[17]
(M0)
)
0x4814 0A8C
PINCNTL164
AB17
0x0006 0000
CAM_D[7]
VIN[0]A_DE
(M1)
GP0[18]
(M0)
0x4814 0A90
PINCNTL165
AC15
0x0006 0000
VIN[0]B_DE
CAM_D[6]
GP0[19]
(M0)
0x4814 0A94
PINCNTL166
AC22
0x0006 0000
CAM_D[5]
VIN[0]A_FLD
(M1)
GP0[20]
(M0)
0x4814 0A98
PINCNTL167
AD17
0x0006 0000
VIN[0]B_FLD
CAM_D[4]
GP0[21]
(M0)
0x4814 0A9C
PINCNTL168
AD18
0x0006 0000
VOUT[1]_G_Y_YC[1]
CAM_D[3]
GPMC_A[5]
(M1)
UART4_RXD
(M0)
GP0[22]
(M0)
0x4814 0AA0
PINCNTL169
AC18
0x0004 0000
VOUT[1]_G_Y_YC[0]
CAM_D[2]
GPMC_A[6]
(M1)
UART4_TXD
(M0)
GP0[23]
(M0)
0x4814 0AA4
PINCNTL170
AC19
0x0004 0000
VOUT[1]_R_CR[1]
CAM_D[1]
GPMC_A[7]
(M1)
UART4_CTS
(M0)
GP0[24]
(M0)
0x4814 0AA8
PINCNTL171
AA22
0x0004 0000
VOUT[1]_R_CR[0]
CAM_D[0]
GPMC_A[8]
(M1)
UART4_RTS
(M0)
GP0[25]
(M0)
0x4814 0AAC
PINCNTL172
AE23
0x0004 0000
VOUT[1]_B_CB_C[1]
CAM_HS
GPMC_A[9]
(M1)
UART2_RXD
(M0)
GP0[26]
(M0)
0x4814 0AB0
PINCNTL173
AD23
0x0006 0000
VOUT[1]_B_CB_C[0]
CAM_VS
GPMC_A[10]
(M1)
UART2_TXD
(M0)
GP0[27]
(M0)
0x4814 0AB4
PINCNTL174
AB23
0x0004 0000
VOUT[1]_FLD
CAM_FLD
UART2_CTS
CAM_WE
(M0)
GPMC_A[11]
(M1)
GP0[28]
(M0)
0x4814 0AB8
PINCNTL175
AF18
0x0004 0000
CAM_PCLK
UART2_RTS
VOUT[0]_FLD
(M1)
GPMC_A[12]
(M1)
GP2[2]
(M0)
0x4814 0ABC
PINCNTL176
AD12
0x000C 0000
VOUT[0]_CLK
0x4814 0AC0
PINCNTL177
AC11
0x000C 0000
VOUT[0]_HSYNC
0x4814 0AC4
PINCNTL178
AB13
0x000C 0000
VOUT[0]_VSYNC
0x4814 0AC8
PINCNTL179
AA10
0x000C 0000
VOUT[0]_AVID
GP2[21]
VOUT[0]_FLD
(M0)
SPI[3]_SCLK
(M2)
TIM7_IO
(M1)
0x4814 0ACC
PINCNTL180
AG7
0x000C 0000
VOUT[0]_B_CB_C[2]
EMU2
GP2[22]
Reset by GCR
Only
0x4814 0AD0
PINCNTL181
AE15
0x000C 0000
VOUT[0]_B_CB_C[3]
GP2[23]
0x4814 0AD4
PINCNTL182
AD11
0x000C 0000
VOUT[0]_B_CB_C[4]
0x4814 0AD8
PINCNTL183
AD15
0x000C 0000
VOUT[0]_B_CB_C[5]
0x4814 0ADC
PINCNTL184
AC10
0x000C 0000
VOUT[0]_B_CB_C[6]
0x4814 0AE0
PINCNTL185
AB10
0x000C 0000
VOUT[0]_B_CB_C[7]
0x4814 0AE4
PINCNTL186
AF15
0x000C 0000
VOUT[0]_B_CB_C[8]
166
Device Configurations
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com