Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 165 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 165 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 161Page - Texas Instruments TMS320DM814x Datasheet HTML 162Page - Texas Instruments TMS320DM814x Datasheet HTML 163Page - Texas Instruments TMS320DM814x Datasheet HTML 164Page - Texas Instruments TMS320DM814x Datasheet HTML 165Page - Texas Instruments TMS320DM814x Datasheet HTML 166Page - Texas Instruments TMS320DM814x Datasheet HTML 167Page - Texas Instruments TMS320DM814x Datasheet HTML 168Page - Texas Instruments TMS320DM814x Datasheet HTML 169Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 376 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 4-13. PINCNTLx Registers MUXMODE Functions (continued)
HEX
REGISTER
MUXMODE[7:0] SETTINGS
REGISTER
PIN
ADDRESS
RESET
NAME
NO.
0x1
0x2
0x4
0x8
0x10
0x20
0x40
0x80
VALUE
0x4814 09EC
PINCNTL124
M25
0x0006 0000
GPMC_CS[2]
GP1[25]
GPMC_A[24]
(M1)
0x4814 09F0
PINCNTL125
P26
0x0006 0000
GPMC_CS[3]
VIN[1]B_CLK
SPI[2]_SCS[0]
GP1[26]
(M0)
0x4814 09F4
PINCNTL126
P25
0x0006 0000
GPMC_CS[4]
SD2_CMD
GP1[8]
(M0)
0x4814 09F8
PINCNTL127
R26
0x0006 0000
GPMC_CLK
GPMC_CS[5]
GPMC_WAIT[1]
CLKOUT1
GP1[27]
EDMA_EVT3
(M0)
TIM4_IO
(M3)
0x4814 09FC
PINCNTL128
M26
0x0006 0000
GPMC_ADV_ALE
GPMC_CS[6]
GP1[28]
TIM5_IO
(M3)
0x4814 0A00
PINCNTL129
T27
0x0006 0000
GPMC_OE_RE
0x4814 0A04
PINCNTL130
U28
0x0006 0000
GPMC_WE
0x4814 0A08
PINCNTL131
U27
0x0004 0000
GPMC_BE[0]_CLE
GP1[29]
GPMC_A[25]
(M2)
EDMA_EVT2
(M0)
TIM6_IO
(M3)
0x4814 0A0C
PINCNTL132
V28
0x0004 0000
GPMC_BE[1]
GP1[30]
GPMC_A[24]
(M2)
EDMA_EVT1
(M0)
TIM7_IO
(M3)
0x4814 0A10
PINCNTL133
W28
0x0006 0000
GPMC_WAIT[0]
GP1[31]
GPMC_A[26]
(M2)
EDMA_EVT0
(M0)
0x4814 0A14
PINCNTL134
AE17
0x0004 0000
VIN[0]B_CLK
CLKOUT0
GP1[9]
(M0)
0x4814 0A18
PINCNTL135
AE21
0x000E 0000
VIN[0]B_HSYNC
GP2[0]
VIN[0]A_DE
(M0)
UART5_TXD
(M1)
I2C[2]_SDA
(M1)
0x4814 0A1C
PINCNTL136
AA20
0x000E 0000
VIN[0]B_VSYNC
GP2[1]
VIN[0]A_FLD
(M0)
UART5_RXD
(M1)
I2C[2]_SCL
(M3)
0x4814 0A20
PINCNTL137
AB20
0x000C 0000
VIN[0]A_CLK
GP2[2]
(M1)
0x4814 0A24
PINCNTL138
AC20
0x000E 0000
VIN[0]A_HSYNC
GP2[3]
UART5_RTS
(M1)
0x4814 0A28
PINCNTL139
AD20
0x000E 0000
VIN[0]A_VSYNC
GP2[4]
UART5_CTS
(M1)
0x4814 0A2C
PINCNTL140
AF9
0x000C 0000
VIN[0]A_D[0]
GP1[11]
(M1)
0x4814 0A30
PINCNTL141
AB11
0x000C 0000
VIN[0]A_D[1]
GP1[12]
(M1)
0x4814 0A34
PINCNTL142
AC9
0x000C 0000
VIN[0]A_D[2]
GP2[7]
0x4814 0A38
PINCNTL143
AE12
0x000C 0000
VIN[0]A_D[3]
GP2[8]
0x4814 0A3C
PINCNTL144
AH8
0x000C 0000
VIN[0]A_D[4]
GP2[9]
0x4814 0A40
PINCNTL145
AG16
0x000C 0000
VIN[0]A_D[5]
GP2[10]
0x4814 0A44
PINCNTL146
AH16
0x000C 0000
VIN[0]A_D[6]
GP2[11]
0x4814 0A48
PINCNTL147
AA11
0x000C 0000
VIN[0]A_D[7]
GP2[12]
0x4814 0A4C
PINCNTL148
AB15
0x000C 0000
VIN[0]A_D[8]_BD[0]
GP2[13]
0x4814 0A50
PINCNTL149
AG9
0x000C 0000
VIN[0]A_D[9]_BD[1]
GP2[14]
0x4814 0A54
PINCNTL150
AH9
0x000C 0000
VIN[0]A_D[10]_BD[2]
GP2[15]
0x4814 0A58
PINCNTL151
AH17
0x000C 0000
VIN[0]A_D[11]_BD[3]
GP2[16]
CAM_WE
(M1)
0x4814 0A5C
PINCNTL152
AG17
0x0004 0000
VIN[0]A_D[12]_BD[4]
CLKOUT1
GP2[17]
0x4814 0A60
PINCNTL153
AF17
0x000C 0000
VIN[0]A_D[13]_BD[5]
CAM_RESET
GP2[18]
0x4814 0A64
PINCNTL154
AC12
0x000C 0000
VIN[0]A_D[14]_BD[6]
CAM_STROBE
GP2[19]
0x4814 0A68
PINCNTL155
AC14
0x000C 0000
VIN[0]A_D[15]_BD[7]
CAM_SHUTTER
GP2[20]
0x4814 0A6C
PINCNTL156
AA21
0x000E 0000
VIN[0]A_D[16]
CAM_D[8]
I2C[2]_SCL
(M1)
GP0[10]
(M0)
0x4814 0A70
PINCNTL157
AB21
0x000C 0000
VIN[0]A_D[17]
CAM_D[9]
EMAC[1]_RMRXER
(M
GP0[11]
(M0)
1)
Copyright © 2011–2013, Texas Instruments Incorporated
Device Configurations
165
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com