Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 192 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 192 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 188Page - Texas Instruments TMS320DM814x Datasheet HTML 189Page - Texas Instruments TMS320DM814x Datasheet HTML 190Page - Texas Instruments TMS320DM814x Datasheet HTML 191Page - Texas Instruments TMS320DM814x Datasheet HTML 192Page - Texas Instruments TMS320DM814x Datasheet HTML 193Page - Texas Instruments TMS320DM814x Datasheet HTML 194Page - Texas Instruments TMS320DM814x Datasheet HTML 195Page - Texas Instruments TMS320DM814x Datasheet HTML 196Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
7.3.12 PCIE Reset Isolation
The device supports reset isolation for the PCI Express (PCIE) module. This means that the PCI Express
Subsystem can be reset without resetting the rest of the device.
When the devcie is a PCI Express Root Complex (RC), the PCIE Subsystem can be reset by software
through the PRCM. Software should ensure that there are no ongoing PCIE transactions before asserting
this reset by first taking the PCIE Subsystem into the IDLE state. After bringing the PCIE Subsystem out
of reset, bus enumeration should be performed again and should treat all Endpoints (EP) as if they had
just been connected.
When the device is a PCI Express Endpoint (EP), the PCIE Subsystem will generate an interrupt when an
in-band reset is received. Software should process this interrupt by putting the PCIE Subsystem in the
IDLE state and then asserting the PCIE local reset through the PRCM.
All device level resets mentioned in the previous sections, except Test Reset, will also reset the PCIE
Subsystem. Therefore, the PCIE peripheral should issue a Hot Reset to all downstream devices and re-
enumerate the bus upon coming out of reset.
For more detailed information on reset isolation procedures, see the PCIe Reset Isolation section of the
Power, Reset, and Clock Management (PRCM) Module chapter of the TMS320DM814x DaVinci Digital
Media Processors Technical Reference Manual (Literature Number: SPRUGZ8).
7.3.13 EMAC Switch Reset Isolation
The device supports reset isolation for the Ethernet Switch (EMAC Switch). This allows the device to
undergo all resets listed in Section 7.3.1, System-Level Reset Sources, with the exception of POR Reset,
without disrupting the Ethernet Switch or the traffic being routed through the switch during the reset
condition. The following reset types can optionally provide an EMAC Switch reset isolation by setting the
ISO_CONTROL bit in the RESET_ISO Control Module register to a "1":
•
External Warm Reset
•
Emulation Warm Reset
•
Watchdog Reset
•
Software Global Cold Reset
•
Software Global Warm Reset
When one of above resets occurs and the Ethernet Switch (EMAC Switch) is programmed to be isolated:
•
The switch function of the EMAC Switch and the PLL embedded in the SATA SERDES Module (which
provides the reference clocks to the EMAC Switch) will not be reset.
•
Several Control Module registers are not reset. For more details, see the description of the
RESET_ISO register in the Control Module chapter of the TMS320DM814x DaVinci Digital Media
Processors Technical Reference Manual (Literature Number: SPRUGZ8).
•
The pin multiplexing of some of the EMAC Switch pins is unaffected. For more details, see the
description of the RESET_ISO register in the Control Module chapter of the TMS320DM814x DaVinci
Digital Media Processors Technical Reference Manual (Literature Number: SPRUGZ8).
The EMAC Switch is always reset when:
•
One of the above resets occurs and the Ethernet Switch is programmed to be “not isolated”
•
A POR Reset occurs
192
Power, Reset, Clocking, and Interrupts
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com