Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 193 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 193 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 189Page - Texas Instruments TMS320DM814x Datasheet HTML 190Page - Texas Instruments TMS320DM814x Datasheet HTML 191Page - Texas Instruments TMS320DM814x Datasheet HTML 192Page - Texas Instruments TMS320DM814x Datasheet HTML 193Page - Texas Instruments TMS320DM814x Datasheet HTML 194Page - Texas Instruments TMS320DM814x Datasheet HTML 195Page - Texas Instruments TMS320DM814x Datasheet HTML 196Page - Texas Instruments TMS320DM814x Datasheet HTML 197Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 376 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
7.3.14 RSTOUT_WD_OUT Pin
The RSTOUT_WD_OUT pin reflects device reset status and is de-asserted (high) when the device is out
reset. This output will always be asserted when a Watchdog Timer reset (Watchdog Reset) occurs. In
addition, this output is always 3-stated and the internal pull resistor is disabled on this pin while POR
and/or RESET is asserted; therefore, an external pullup/pulldown can be used to set the state of this pin
(high/low) while POR and/or RESET is asserted. For more detailed information on external PUs/PDs, see
Section 4.5.1, Pullup/Pulldown Resistors.
If the BTMODE[11] pin is latched as a "0" at the rising edge of POR or RESET, then RSTOUT_WD_OUT
is also asserted when any of the below resets occur:
•
Power-On Reset (asserted after the BTMODE[11] pin is latched)
•
External Warm Reset (asserted after the BTMODE[11] pin is latched)
•
Emulation Warm Reset
•
Software Global Cold/Warm Reset
The RSTOUT_WD_OUT pin remains asserted until the PRCM releases the host ARM Cortex-A8
processor for reset.
7.3.15 Effect of Reset on Emulation and Trace
The device Emulation and Trace Logic will only be reset by the following sources:
•
Power-On Reset
•
Software Global Cold Reset
•
Test Reset
Other than these three reset types, none of the other resets will affect the Emulation and Trace Logic.
However, the multiplexing of the EMU[4:2] pins is reset by all system reset types except Test Reset.
7.3.16 Reset During Power Domain Switching
Each Power Domain has a dedicated Warm Reset and Cold Reset. Warm Reset for a Power Domain is
asserted under either of the following two conditions:
1. An External Warm Reset, Emulation Warm Reset, or Software Global Warm Reset occurs
2. When that Power Domain switches from the "ON" state to the "OFF" state
Cold Reset for a Power Domain is asserted under either of the following two conditions:
1. Power-On Reset or Software Global Cold Reset occurs
2. When that Power Domain switches from the "OFF" state to the "ON" state
7.3.17 Pin Behaviors at Reset
When any reset, other than Test Reset, (all described in Section 7.3.1, System-Level Reset Sources) is
asserted, all device I/O pins are reset into a Hi-Z state except for:
•
Emulation Pins. These pins are only put into a Hi-Z state when Test Reset (TRST) is asserted.
•
EMAC Switch Pins. These pins are always put into a Hi-Z state during Power-On Reset. However,
some EMAC Switch pins will not be put into a Hi-Z state during the other reset modes when the
ISO_CONTROL bit in the RESET_ISO register of the Control Module is programmed as a "1". For
more details, see the description of the RESET_ISO register in the Control Module chapter of the
TMS320DM814x DaVinci Digital Media Processors Technical Reference Manual (Literature Number:
SPRUGZ8).
•
RSTOUT_WD_OUT Pin during any reset types except for POR and RESET. For more detailed
information on RSTOUT_WD_OUT pin behavior, see Section 7.3.14, RSTOUT_WD_OUT Pin.
Copyright © 2011–2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
193
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com