Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 224 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 224 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 220Page - Texas Instruments TMS320DM814x Datasheet HTML 221Page - Texas Instruments TMS320DM814x Datasheet HTML 222Page - Texas Instruments TMS320DM814x Datasheet HTML 223Page - Texas Instruments TMS320DM814x Datasheet HTML 224Page - Texas Instruments TMS320DM814x Datasheet HTML 225Page - Texas Instruments TMS320DM814x Datasheet HTML 226Page - Texas Instruments TMS320DM814x Datasheet HTML 227Page - Texas Instruments TMS320DM814x Datasheet HTML 228Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 376 page
background image
1
DCANx_RX
2
DCANx_TX
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
8.3.2
DCAN Electrical Data/Timing
Table 8-1. Timing Requirements for DCANx Receive(1) (see Figure 8-4)
OPP100/120/166
NO.
UNIT
MIN
NOM
MAX
f(baud)
Maximum programmable baud rate
1
Mbps
1
tw(DCANRX)
Pulse duration, receive data bit (DCANx_RX)
H - 2
H + 2
ns
(1)
H = period of baud rate, 1/programmed baud rate.
Table 8-2. Switching Characteristics Over Recommended Operating Conditions for DCANx Transmit
(1)(see Figure 8-4)
OPP100/120/166
NO.
PARAMETER
UNIT
MIN
MAX
f(baud)
Maximum programmable baud rate
1
Mbps
2
tw(DCANTX)
Pulse duration, transmit data bit (DCANx_TX)
H - 2
H + 2
ns
(1)
H = period of baud rate, 1/programmed baud rate.
Figure 8-4. DCANx Timings
224
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com