Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 225 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 225 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 221Page - Texas Instruments TMS320DM814x Datasheet HTML 222Page - Texas Instruments TMS320DM814x Datasheet HTML 223Page - Texas Instruments TMS320DM814x Datasheet HTML 224Page - Texas Instruments TMS320DM814x Datasheet HTML 225Page - Texas Instruments TMS320DM814x Datasheet HTML 226Page - Texas Instruments TMS320DM814x Datasheet HTML 227Page - Texas Instruments TMS320DM814x Datasheet HTML 228Page - Texas Instruments TMS320DM814x Datasheet HTML 229Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 376 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
8.4
EDMA
The EDMA controller handles all data transfers between memories and the device slave peripherals on
the device. These data transfers include cache servicing, non-cacheable memory accesses, user-
programmed data transfers, and host accesses.
8.4.1
EDMA Channel Synchronization Events
The EDMA Channel controller supports up to 64 channels that service peripherals and memory. Each
EDMA channel is mapped to a defaul EDMA synchronization event as shown in Table 8-3. By default,
each event uses the parameter entry that matches its event number. However, because the device
includes a channel mapping feature, each event may be mapped to any of 512 parameter table entries.
For more detailed information, see the Enhanced Direct Memory Access Controller chapter of the
TMS320DM814x DaVinci Digital Media Processors Technical Reference Manual (Literature Number:
SPRUGZ8).
Table 8-3. EDMA Default Synchronization Events
EVENT
DEFAULT
DEFAULT EVENT DESCRIPTION
NUMBER
EVENT NAME
0-1
–
Reserved
2
SDTXEVT1
SD1 Transmit
3
SDRXEVT1
SD1 Receive
4-7
–
Reserved
8
AXEVT0
McASP0 Transmit
9
AREVT0
McASP0 Receive
10
AXEVT1
McASP1 Transmit
11
AREVT1
McASP1 Receive
12
AXEVT2
McASP2 Transmit
13
AREVT2
McASP2 Receive
14
BXEVT
McBSP Transmit
15
BREVT
McBSP Receive
16
SPI0XEVT0
SPI0 Transmit 0
17
SPI0REVT0
SPI0 Receive 0
18
SPI0XEVT1
SPI0 Transmit 1
19
SPI0REVT1
SPI0 Receive 1
20
SPI0XEVT2
SPI0 Transmit 2
21
SPI0REVT2
SPI0 Receive 2
22
SPI0XEVT3
SPI0 Transmit 3
23
SPI0REVT3
SPI0 Receive 3
24
SDTXEVT0
SD0 Transmit
25
SDRXEVT0
SD0 Receive
26
UTXEVT0
UART0 Transmit
27
URXEVT0
UART0 Receive
28
UTXEVT1
UART1 Transmit
29
URXEVT1
UART1 Receive
30
UTXEVT2
UART2 Transmit
31
URXEVT2
UART2 Receive
32-35
–
Reserved
36
ISS_DMA_REQ1
ISS Event 1
37
ISS_DMA_REQ2
ISS Event 2
38
ISS_DMA_REQ3
ISS Event 3
39
ISS_DMA_REQ4
ISS Event 4
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
225
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com