Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 244 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 244 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 240Page - Texas Instruments TMS320DM814x Datasheet HTML 241Page - Texas Instruments TMS320DM814x Datasheet HTML 242Page - Texas Instruments TMS320DM814x Datasheet HTML 243Page - Texas Instruments TMS320DM814x Datasheet HTML 244Page - Texas Instruments TMS320DM814x Datasheet HTML 245Page - Texas Instruments TMS320DM814x Datasheet HTML 246Page - Texas Instruments TMS320DM814x Datasheet HTML 247Page - Texas Instruments TMS320DM814x Datasheet HTML 248Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 376 page
background image
1
EMAC[x]_MTCLK (Input)
EMAC[x]_M
EMAC[x]_M
EMAC[x]_M
TXD3−
TXD0,
TXEN (Outputs)
EMAC[x]_MRCLK (Input)
1
2
EMAC[x]_M
EMAC[x]_M
EMAC[x]_M
EMAC[x]_M
RXD3−
RXD0,
RXDV,
RXER (Inputs)
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Table 8-17. Timing Requirements for EMAC [G]MII Receive 10/100/1000 Mbit/s
(see Figure 8-11)
OPP100/120/166
1000 Mbps (1
100/10 Mbps
NO.
UNIT
Gbps)
MIN
MAX
MIN
MAX
tsu(MRXD-MRCLK)
Setup time, receive selected signals valid before
1
tsu(MRXDV-MRCLK)
2
8
ns
EMAC[1:0]_MRCLK
tsu(MRXER-MRCLK)
th(MRCLK-MRXD)
Hold time, receive selected signals valid after
2
th(MRCLK-MRXDV)
0
8
ns
EMAC[1:0]_MRCLK
th(MRCLK-MRXER)
Figure 8-11. EMAC Receive Interface Timing [G]MII Operation
Table 8-18. Switching Characteristics Over Recommended Operating Conditions for EMAC [G]MII
Transmit 10/100 Mbits/s
(see Figure 8-12)
OPP100/120/166
NO.
PARAMETER
100/10 Mbps
UNIT
MIN
MAX
td(MTXCLK-MTXD)
1
Delay time, EMAC[x]_MTCLK to transmit selected signals valid
2.5
25
ns
td(MTCLK-MTXEN)
Table 8-19. Switching Characteristics Over Recommended Operating Conditions for EMAC [G]MII
Transmit 1000 Mbits/s
(see Figure 8-12)
OPP100/120/166
NO.
PARAMETER
1000 Mbps (1 Gbps)
UNIT
MIN
MAX
td(GMTCLK-MTXD)
1
Delay time, EMAC[x]_GMTCLK to transmit selected signals valid
0
5
ns
td(GMTCLK-MTXEN)
Figure 8-12. EMAC Transmit Interface Timing [G]MII Operation
244
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com