Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 245 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 245 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 241Page - Texas Instruments TMS320DM814x Datasheet HTML 242Page - Texas Instruments TMS320DM814x Datasheet HTML 243Page - Texas Instruments TMS320DM814x Datasheet HTML 244Page - Texas Instruments TMS320DM814x Datasheet HTML 245Page - Texas Instruments TMS320DM814x Datasheet HTML 246Page - Texas Instruments TMS320DM814x Datasheet HTML 247Page - Texas Instruments TMS320DM814x Datasheet HTML 248Page - Texas Instruments TMS320DM814x Datasheet HTML 249Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 376 page
background image
RMREFCLK
1
2
RM
− M
MCRS
RM
RXD1 R RXD0,
R
DV,
RXER (inputs)
RMREFCLK
(Input)
1
3
4
4
2
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
8.6.2.2
EMAC RMII Electrical Data/Timing
Table 8-20. Timing Requirements for EMAC[x]_RMREFCLK - RMII Operation
(see Figure 8-13)
OPP100/120/166
NO.
UNIT
MIN
MAX
1
tc(RMREFCLK)
Cycle time, EMAC[x]_RMREFCLK
19.999
20.001
ns
2
tw(RMREFCLKH)
Pulse duration, EMAC[x]_RMREFCLK high
7
13
ns
3
tw(RMREFCLKL)
Pulse duration, EMAC[x]_RMREFCLK low
7
13
ns
4
tt(RMREFCLK)
Transition time, EMAC[x]_RMREFCLK
3
ns
Figure 8-13. RMREFCLK Timing RMII Operation
Table 8-21. Timing Requirements for EMAC RMII Receive
(see Figure 8-13)
OPP100/120/166
NO.
UNIT
MIN
MAX
tsu(RMRXD-RMREFCLK)
Setup time, receive selected signals valid before
1
tsu(RMCRSDV-RMREFCLK)
4
ns
EMAC[x]_RMREFCLK
tsu(RMRXER-RMREFCLK)
th(RMREFCLK-RMRXD)
Hold time, receive selected signals valid after
2
th(RMREFCLK-RMCRSDV)
2
ns
EMAC[x]_RMREFCLK
th(RMREFCLK-RMRXER)
Figure 8-14. EMAC Receive Interface Timing RMII Operation
Table 8-22. Switching Characteristics Over Recommended Operating Conditions for EMAC RMII Transmit
10/100 Mbits/s
(see Figure 8-15)
OPP100/120/166
NO.
PARAMETER
UNIT
MIN
MAX
Delay time, EMAC[x]_RMREFCLK high to EMAC[x]_RMTXD[x]
1
td(RMREFCLK-RMTXD)
2.5
13
ns
valid
Delay time, EMAC[x]_RMREFCLK high to EMAC[x]_RMTXEN
2
tdd(RMREFCLK-RMTXEN)
2.5
13
valid
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
245
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com