Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 263 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 263 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 259Page - Texas Instruments TMS320DM814x Datasheet HTML 260Page - Texas Instruments TMS320DM814x Datasheet HTML 261Page - Texas Instruments TMS320DM814x Datasheet HTML 262Page - Texas Instruments TMS320DM814x Datasheet HTML 263Page - Texas Instruments TMS320DM814x Datasheet HTML 264Page - Texas Instruments TMS320DM814x Datasheet HTML 265Page - Texas Instruments TMS320DM814x Datasheet HTML 266Page - Texas Instruments TMS320DM814x Datasheet HTML 267Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 376 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 8-36. Timing Requirements for GPMC/NOR Flash Interface - Asynchronous Mode(1)
(see Figure 8-27, Figure 8-28 for Non-Multiplexed Mode )
(see Figure 8-29, Figure 8-31 for Multiplexed Mode)
OPP100/120/166
NO.
UNIT
MIN
MAX
6
tacc(DAT)
Data maximum access time (GPMC_FCLK cycles)
H(2)
cycles
Page mode successive data maximum access time (GPMC_FCLK
21
tacc1-pgmode(DAT)
P(3)
cycles
cycles)
22
tacc2-pgmode(DAT)
Page mode first data maximum access time (GPMC_FCLK cycles)
H(2)
cycles
(1)
The internal GPMC_FCLK is equal to SYSCLK6, and is nominally 100 MHz or 10 ns. For any additional constraints, see the Clocking
section of this document.
(2)
H = AccessTime * (TimeParaGranularity + 1)
(3)
P = PageBurstAccessTime * (TimeParaGranularity + 1).
Table 8-37. Switching Characteristics Over Recommended Operating Conditions for GPMC/NOR Flash
Interface - Asynchronous Mode
(see Figure 8-27, Figure 8-28, Figure 8-29, Figure 8-30 for Non-Multiplexed Modes)
(see Figure 8-31, Figure 8-32 for Multiplexed Modes)
OPP100/120/166
NO
PARAMETER
UNIT
.
MIN
MAX
1
tw(nBEV)
Pulse duration, GPMC_BE0_CLE, GPMC_BE1 valid time
N(1)
ns
2
tw(nCSV)
Pulse duration, GPMC_CS[x] low
A(2)
ns
4
td(nCSV-nADVIV)
Delay time, GPMC_CS[x] valid to GPMC_NADV_ALE invalid
B - 2(3)
B + 4(3)
ns
5
td(nCSV-nOEIV)
Delay time, GPMC_CS[x] valid to GPMC_OE_RE invalid (single read)
C - 2(4)
C + 4(4)
ns
MUX0 and Non-Multi
J - 2(5)
J + 4(5)
ns
Muxed pins
Delay time, GPMC_A[27:0] address bus valid to
MUX1 for
10
td(AV-nCSV)
J - 2(5)
J + 4(5)
ns
GPMC_CS[x] valid
GPMC_A[15:0]
MUX1/2 for
J - 2(5)
J + 4(5)
ns
GPMC_A[27:20]
11
td(nBEV-nCSV)
Delay time, GPMC_BE0_CLE, GPMC_BE1 valid to GPMC_CS[x] valid
J - 2(5)
J + 4(5)
ns
13
td(nCSV-nADVV)
Delay time, GPMC_CS[x] valid to GPMC_ADV_ALE valid
K - 2(6)
K + 4(6)
ns
14
td(nCSV-nOEV)
Delay time, GPMC_CS[x] valid to GPMC_OE_RE valid
L - 2(7)
L + 4(7)
ns
(1)
For single read: N = RdCycleTime * (TimeParaGranularity + 1) * GPMC_FCLK
For single write: N = WrCycleTime * (TimeParaGranularity + 1) * GPMC_FCLK
For burst read: N = (RdCycleTime + (n - 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK
For burst write: N = (WrCycleTime + (n - 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK
(2)
For single read: A = (CSRdOffTime - CSOnTime) * (TimeParaGranularity + 1) * GPMC_FCLK
For single write: A = (CSWrOffTime - CSOnTime) * (TimeParaGranularity + 1) * GPMC_FCLK
For burst read: A = (CSRdOffTime - CSOnTime + (n - 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK
For burst write: A = (CSWrOffTime - CSOnTime + (n - 1) * PageBurstAccessTime) * (TimeParaGranularity + 1) * GPMC_FCLK
(3)
= B - nCS Max Delay + nADV Min Delay
For reading: B = ((ADVRdOffTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (ADVExtraDelay - CSExtraDelay)) * GPMC_FCLK
For writing: B = ((ADVWrOffTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (ADVExtraDelay - CSExtraDelay)) * GPMC_FCLK
(4)
= C - nCS Max Delay + nOE Min Delay
C = ((OEOffTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (OEExtraDelay - CSExtraDelay)) * GPMC_FCLK
(5)
= J - Address Max Delay + nCS Min Delay
J = (CSOnTime * (TimeParaGranularity + 1) + 0.5 * CSExtraDelay) * GPMC_FCLK
(6)
= K - nCS Max Delay + nADV Min Delay
K = ((ADVOnTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (ADVExtraDelay - CSExtraDelay)) * GPMC_FCLK
(7)
= L - nCS Max Delay + nOE Min Delay
L = ((OEOnTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (OEExtraDelay - CSExtraDelay)) * GPMC_FCLK
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
263
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com