Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 264 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 264 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 260Page - Texas Instruments TMS320DM814x Datasheet HTML 261Page - Texas Instruments TMS320DM814x Datasheet HTML 262Page - Texas Instruments TMS320DM814x Datasheet HTML 263Page - Texas Instruments TMS320DM814x Datasheet HTML 264Page - Texas Instruments TMS320DM814x Datasheet HTML 265Page - Texas Instruments TMS320DM814x Datasheet HTML 266Page - Texas Instruments TMS320DM814x Datasheet HTML 267Page - Texas Instruments TMS320DM814x Datasheet HTML 268Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Table 8-37. Switching Characteristics Over Recommended Operating Conditions for GPMC/NOR Flash
Interface - Asynchronous Mode (continued)
(see Figure 8-27, Figure 8-28, Figure 8-29, Figure 8-30 for Non-Multiplexed Modes)
(see Figure 8-31, Figure 8-32 for Multiplexed Modes)
OPP100/120/166
NO
PARAMETER
UNIT
.
MIN
MAX
MUX0 and Non-Multi
G(8)
ns
Muxed pins
MUX1 for
G(8)
ns
Pulse duration, GPMC_A[27:0] address bus invalid
GPMC_A[15:0]
17
tw(AIV)
between 2 successive R/W accesses
MUX1/2 for
G(8)
ns
GPMC_A[27:20]
GPMC_D[15:0]
G(8)
ns
19
td(nCSV-nOEIV)
Delay time, GPMC_CS[x] valid to GPMC_OE_RE invalid (burst read)
I - 2(9)
I + 4(9)
ns
MUX0 and Non-Multi
D(10)
ns
Muxed pins
MUX1 for
D(10)
ns
Pulse duration, GPMC_A[27:0] address bus valid:
GPMC_A[15:0]
21
tw(AV)
second, third and fourth accesses
MUX1/2 for
D(10)
ns
GPMC_A[27:20]
GPMC_D[15:0]
D(10)
ns
26
td(nCSV-nWEV)
Delay time, GPMC_CS[x] valid to GPMC_WE valid
E - 2(11)
E + 4(11)
ns
28
td(nCSV-nWEIV)
Delay time, GPMC_CS[x] valid to GPMC_WE invalid
F - 2(12)
F + 4(12)
ns
29
td(nWEV-DV)
Delay time, GPMC_WE valid to GPMC_D[15:0] data bus valid
2.0
ns
30
td(DV-nCSV)
Delay time, GPMC_D[15:0] data bus valid to GPMC_CS[x] valid
J - 2(5)
J + 4(5)
ns
Delay time, GPMC_ADV_ALE valid to GPMC_D[15:0]
MUX0 and Non-Multi
37
td(ADVV-AIV)
2.0
ns
address invalid
Muxed pins
MUX0 and Non-Multi
2.0
ns
Muxed pins
MUX1 for
2.0
ns
Delay time, GPMC_OE_RE valid to GPMC_D[15:0]
GPMC_A[15:0]
38
td(nOEV-AIV)
address/data busses phase end
MUX1/2 for
2.0
ns
GPMC_A[27:20]
GPMC_D[15:0]
2.0
ns
Delay time, GPMC_D[15:0] address valid to
MUX0 and Non-Multi
39
td(AIV-ADVV)
2.0
ns
GPMC_ADV_ALE invalid
Muxed pins
(8)
G = Cycle2CycleDelay * GPMC_FCLK
(9)
= I - nCS Max Delay + nOE Min Delay
I = ((OEOffTime + (n - 1) * PageBurstAccessTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (OEExtraDelay - CSExtraDelay)) *
GPMC_FCLK
(10) D = PageBurstAccessTime * (TimeParaGranularity + 1) * GPMC_FCLK
(11) = E - nCS Max Delay + nWE Min Delay
E = ((WEOnTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (WEExtraDelay - CSExtraDelay)) * GPMC_FCLK
(12) = F - nCS Max Delay + nWE Min Delay
F = ((WEOffTime - CSOnTime) * (TimeParaGranularity + 1) + 0.5 * (WEExtraDelay - CSExtraDelay)) * GPMC_FCLK
264
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com