Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 285 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 285 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 281Page - Texas Instruments TMS320DM814x Datasheet HTML 282Page - Texas Instruments TMS320DM814x Datasheet HTML 283Page - Texas Instruments TMS320DM814x Datasheet HTML 284Page - Texas Instruments TMS320DM814x Datasheet HTML 285Page - Texas Instruments TMS320DM814x Datasheet HTML 286Page - Texas Instruments TMS320DM814x Datasheet HTML 287Page - Texas Instruments TMS320DM814x Datasheet HTML 288Page - Texas Instruments TMS320DM814x Datasheet HTML 289Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 376 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
8.12.1 ISSCAM Electrical Data/Timing
Table 8-48. Timing Requirements for ISSCAM (see Figure 8-45)
OPP100/120/166
NO.
UNIT
MIN
NOM
MAX
1
tc(PCLK)
Cycle time, PCLK
6.06
ns
2
tw(PCLKH)
Pulse duration, PCLK high
2.73
ns
3
tw(PCLKL)
Pulse duration, PCLK low
2.73
ns
4
tt(PCLK)
Transition time, PCLK
2.64
ns
tsu(DATA-PCLK)
3.11
ns
tsu(DE-PCLK)
3.11
ns
5
tsu(VS-PCLK)
Input setup time, Data/Control valid before PCLK high/low
3.11
ns
tsu(HS-PCLK)
3.11
ns
tsu(FLD-PCLK)
3.11
ns
th(PCLK-DATA)
-0.15
ns
th(PCLK-DE)
-0.15
ns
6
th(PCLK-VS)
Input hold time, Data/Control valid after PCLK high/low
-0.15
ns
th(PCLK-HS)
-0.15
ns
th(PCLK-FLD)
-0.15
ns
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
285
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com