Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 289 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 289 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 285Page - Texas Instruments TMS320DM814x Datasheet HTML 286Page - Texas Instruments TMS320DM814x Datasheet HTML 287Page - Texas Instruments TMS320DM814x Datasheet HTML 288Page - Texas Instruments TMS320DM814x Datasheet HTML 289Page - Texas Instruments TMS320DM814x Datasheet HTML 290Page - Texas Instruments TMS320DM814x Datasheet HTML 291Page - Texas Instruments TMS320DM814x Datasheet HTML 292Page - Texas Instruments TMS320DM814x Datasheet HTML 293Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 376 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 8-51. DDR2/DDR3 PHY Registers (continued)
DDR0 HEX
DDR1 HEX
ACRONYM
REGISTER NAME
ADDRESS
ADDRESS
0x47C0_C460
0x47C0_C860
CMD1_REG_PHY_INVERT_CLKOUT_0
DDR PHY Command 1 Invert Clockout
Selection Register
0x47C0_C484
0x47C0_C884
CMD2_REG_PHY_CTRL_SLAVE_RATIO_0
DDR PHY Command 2
Address/Command Slave Ratio Register
0x47C0_C490
0x47C0_C890
CMD2_REG_PHY_DLL_LOCK_DIFF_0
DDR PHY Command 2
Address/Command DLL Lock Difference
Register
0x47C0_C494
0x47C0_C894
CMD2_REG_PHY_INVERT_CLKOUT_0
DDR PHY Command 2 Invert Clockout
Selection Register
0x47C0_C4C8
0x47C0_C8C8
DATA0_REG_PHY_RD_DQS_SLAVE_RATIO _0
DDR PHY Data Macro 0 Read DQS
Slave Ratio Register
0x47C0_C4DC
0x47C0_C8DC
DATA0_REG_PHY_WR_DQS_SLAVE_RATI O_0
DDR PHY Data Macro 0 Write DQS
Slave Ratio Register
0x47C0_C4F0
0x47C0_C8F0
DATA0_REG_PHY_WRLVL_INIT_RATIO_0
DDR PHY Data Macro 0 Write Leveling
Init Ratio Register
0x47C0_C4F8
0x47C0_C8F8
DATA0_REG_PHY_WRLVL_INIT_MODE_0
DDR PHY Data Macro 0 Write Leveling
Init Mode Ratio Selection Register
0x47C0_C4FC
0x47C0_C8FC
DATA0_REG_PHY_GATELVL_INIT_RATIO_0
DDR PHY Data Macro 0 DQS Gate
Training Init Ratio Register
0x47C0_C504
0x47C0_C904
DATA0_REG_PHY_GATELVL_INIT_MODE_0
DDR PHY Data Macro 0 DQS Gate
Training Init Mode Ratio Selection
Register
0x47C0_C508
0x47C0_C908
DATA0_REG_PHY_FIFO_WE_SLAVE_RATI O_0
DDR PHY Data Macro 0 DQS Gate
Slave Ratio Register
0x47C0_C51C
0x47C0_C91C
DATA0_REG_PHY_DQ_OFFSET_0
Offset Value From DQS to DQ for Data
Macro 0
0x47C0_C520
0x47C0_C920
DATA0_REG_PHY_WR_DATA_SLAVE_RATI O_0
DDR PHY Data Macro 0 Write Data
Slave Ratio Register
0x47C0_C534
0x47C0_C934
DATA0_REG_PHY_USE_RANK0_DELAYS
DDR PHY Data Macro 0 Delay Selection
Register
0x47C0_C538
0x47C0_C938
DATA0_REG_PHY_DLL_LOCK_DIFF_0
DDR PHY Data Macro 0 DLL Lock
Difference Register
0x47C0_C56C
0x47C0_C96C
DATA1_REG_PHY_RD_DQS_SLAVE_RATIO _0
DDR PHY Data Macro 1 Read DQS
Slave Ratio Register
0x47C0_C580
0x47C0_C980
DATA1_REG_PHY_WR_DQS_SLAVE_RATI O_0
DDR PHY Data Macro 1 Write DQS
Slave Ratio Register
0x47C0_C594
0x47C0_C994
DATA1_REG_PHY_WRLVL_INIT_RATIO_0
DDR PHY Data Macro 1 Write Leveling
Init Ratio Register
0x47C0_C59C
0x47C0_C99C
DATA1_REG_PHY_WRLVL_INIT_MODE_0
DDR PHY Data Macro 1 Write Leveling
Init Mode Ratio Selection Register
0x47C0_C5A0
0x47C0_C9A0
DATA1_REG_PHY_GATELVL_INIT_RATIO_0
DDR PHY Data Macro 1 DQS Gate
Training Init Ratio Register
0x47C0_C5A8
0x47C0_C9A8
DATA1_REG_PHY_GATELVL_INIT_MODE_0
DDR PHY Data Macro 1 DQS Gate
Training Init Mode Ratio Selection
Register
0x47C0_C5AC
0x47C0_C9AC
DATA1_REG_PHY_FIFO_WE_SLAVE_RATI O_0
DDR PHY Data Macro 1 DQS Gate
Slave Ratio Register
0x47C0_C5C0
0x47C0_C9C0
DATA1_REG_PHY_DQ_OFFSET_1
Offset Value From DQS to DQ for Data
Macro 1
0x47C0_C5C4
0x47C0_C9C4
DATA1_REG_PHY_WR_DATA_SLAVE_RATI O_0
DDR PHY Data Macro 1 Write Data
Slave Ratio Register
0x47C0_C5D8
0x47C0_C9D8
DATA1_REG_PHY_USE_RANK0_DELAYS
DDR PHY Data Macro 1 Delay Selection
Register
0x47C0_C5DC
0x47C0_C9DC
DATA1_REG_PHY_DLL_LOCK_DIFF_0
DDR PHY Data Macro 1 DLL Lock
Difference Register
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
289
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com