Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 330 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 330 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 326Page - Texas Instruments TMS320DM814x Datasheet HTML 327Page - Texas Instruments TMS320DM814x Datasheet HTML 328Page - Texas Instruments TMS320DM814x Datasheet HTML 329Page - Texas Instruments TMS320DM814x Datasheet HTML 330Page - Texas Instruments TMS320DM814x Datasheet HTML 331Page - Texas Instruments TMS320DM814x Datasheet HTML 332Page - Texas Instruments TMS320DM814x Datasheet HTML 333Page - Texas Instruments TMS320DM814x Datasheet HTML 334Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Table 8-79. Switching Characteristics Over Recommended Operating Conditions for McASP(1)
(see Figure 8-82)
OPP100/120/166
NO.
PARAMETER
UNIT
MIN
MAX
9
tc(AHCLKRX)
Cycle time, MCA[X]_AHCLKR/X
20(2)
ns
0.5P -
10
tw(AHCLKRX)
Pulse duration, MCA[X]_AHCLKR/X high or low
ns
2.5(3)
11
tc(ACLKRX)
Cycle time, MCA[X]_ACLKR/X
20
ns
0.5P -
12
tw(ACLKRX)
Pulse duration, MCA[X]_ACLKR/X high or low
ns
2.5(3)
ACLKR/X int
-2
5
Delay time, MCA[X]_ACLKR/X transmit edge to
MCA[X]_AFSR/X output valid
ACLKR/X ext in
1
11.5
13
td(ACLKRX-AFSRX)
ns
Delay time, MCA[X]_ACLKR/X transmit edge to
ACLKR/X ext out
1
11.5
MCA[X]_AFSR/X output valid with Pad Loopback
ACLKX int
-2
5
Delay time, MCA[X]_ACLKX transmit edge to
MCA[X]_AXR output valid
ACLKX ext in
1
11.5
14
td(ACLKX-AXR)
ns
Delay time, MCA[X]_ACLKX transmit edge to
ACLKX ext out
1
11.5
MCA[X]_AXR output valid with Pad Loopback
ACLKX int
-2
5
Disable time, MCA[X]_ACLKX transmit edge to
MCA[X]_AXR output high impedance
ACLKX ext in
1
11.5
15
tdis(ACLKX-AXR)
ns
Disable time, MCA[X]_ACLKX transmit edge to
MCA[X]_AXR output high impedance with Pad
ACLKX ext out
1
11.5
Loopback
(1)
ACLKR internal: ACLKRCTL.CLKRM=1, PDIR.ACLKR = 1
ACLKR external input: ACLKRCTL.CLKRM=0, PDIR.ACLKR=0
ACLKR external output: ACLKRCTL.CLKRM=0, PDIR.ACLKR=1
ACLKX internal: ACLKXCTL.CLKXM=1, PDIR.ACLKX = 1
ACLKX external input: ACLKXCTL.CLKXM=0, PDIR.ACLKX=0
ACLKX external output: ACLKXCTL.CLKXM=0, PDIR.ACLKX=1
(2)
50 MHz
(3)
P = AHCLKR/X period.
330
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com