Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 332 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 332 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 328Page - Texas Instruments TMS320DM814x Datasheet HTML 329Page - Texas Instruments TMS320DM814x Datasheet HTML 330Page - Texas Instruments TMS320DM814x Datasheet HTML 331Page - Texas Instruments TMS320DM814x Datasheet HTML 332Page - Texas Instruments TMS320DM814x Datasheet HTML 333Page - Texas Instruments TMS320DM814x Datasheet HTML 334Page - Texas Instruments TMS320DM814x Datasheet HTML 335Page - Texas Instruments TMS320DM814x Datasheet HTML 336Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
8.15 Multichannel Buffered Serial Port (McBSP)
The McBSP provides these functions:
•
Full-duplex communication
•
Double-buffered data registers, which allow a continuous data stream
•
Independent framing and clocking for receive and transmit
•
Direct interface to industry-standard codecs, analog interface chips (AICs), and other serially
connected analog-to-digital (A/D) and digital-to-analog (D/A) devices
•
Supports TDM, I2S, and similar formats
•
External shift clock or an internal, programmable frequency shift clock for data transfer
•
5KB Tx and Rx buffer
•
Supports three interrupt and two DMA requests.
The McBSP module may support two types of data transfer at the system level:
•
The full-cycle mode, for which one clock period is used to transfer the data, generated on one edge
and captured on the same edge (one clock period later).
•
The half-cycle mode, for which one half clock period is used to transfer the data, generated on one
edge and captured on the opposite edge (one half clock period later). Note that a new data is
generated only every clock period, which secures the required hold time. The interface clock
(CLKX/CLKR) activation edge (data/frame sync capture and generation) has to be configured
accordingly with the external peripheral (activation edge capability) and the type of data transfer
required at the system level.
For more detailed information on the McBSP peripheral, see the Multichannel Buffered Serial Port
(McBSP) chapter of the TMS320DM814x DaVinci Digital Media Processors Technical Reference Manual
(Literature Number: SPRUGZ8).
The following sections describe the timing characteristics for applications in normal mode (that is, the
McBSP connected to one peripheral) and TDM applications in multipoint mode.
8.15.1 McBSP Peripheral Register Descriptions
Table 8-80. McBSP Registers(1)
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4700 0000
REVNB
Revision Number Register
0x4700 0010
SYSCONFIG_REG
System Configuration Register
0x4700 0020
EOI
End of Interrupt Register
0x4700 0024
IRQSTATUS_RAW
Interrupt Status Raw Register
0x4700 0028
IRQSTATUS
Interrupt Status Register
0x4700 002C
IRQENABLE_SET
Interrupt Enable Set Register
0x4700 0030
IRQENABLE_CLR
Interrupt Enable Clear Register
0x4700 0034
DMARXENABLE_SET
DMA Rx Enable Set Register
0x4700 0038
DMATXENABLE_SET
DMA Tx Enable Set Register
0x4700 003C
DMARXENABLE_CLR
DMA Rx Enable Clear Register
0x4700 0040
DMATXENABLE_CLR
DMA Tx Enable Clear Register
0x4700 0048
DMARXWAKE_EN
DMA Rx Wake Enable Register
0x4700 004C
DMATXWAKE_EN
DMA Tx Wake Enable Register
0x4700 0100
DRR_REG
McBSP data receive
0x4700 0108
DXR_REG
McBSP data transmit
0x4700 0110
SPCR2_REG
McBSP serial port control 2
0x4700 0114
SPCR1_REG
McBSP serial port control 1
(1)
Note that the McBSP registers are 32-bit aligned.
332
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com