Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 371 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 371 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 367Page - Texas Instruments TMS320DM814x Datasheet HTML 368Page - Texas Instruments TMS320DM814x Datasheet HTML 369Page - Texas Instruments TMS320DM814x Datasheet HTML 370Page - Texas Instruments TMS320DM814x Datasheet HTML 371Page - Texas Instruments TMS320DM814x Datasheet HTML 372Page - Texas Instruments TMS320DM814x Datasheet HTML 373Page - Texas Instruments TMS320DM814x Datasheet HTML 374Page - Texas Instruments TMS320DM814x Datasheet HTML 375Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 376 page
background image
PREFIX
TMS
320 DM8148
TMX = Experimental Device
TMS = Qualified Device
DEVICE FAMILY
SILICON REVISION
CYE
( )
( )
320 = TMS320™ DSP Family
DEVICE
DM814x DaVinci™ Digital Media Processors
DM8148
DM8147
B = Revision 2.1
C = Revision 3.0 (Other)
S = Revision 3.0 (Video Security)
( )
DEVICE SPEED RANGE
Blank = 600-MHz ARM, 500-MHz DSP
1 = 1000-MHz ARM, 700-MHZ DSP
0 = 720-MHz ARM, 600-MHz DSP
1 = 1000-MHz ARM, 750-MHZ DSP [SR3.0 only]
2 = 1000-MHz ARM, 750-MHz DSP
TEMPERATURE RANGE
Blank = 0°C to 90°C, Commercial Temperature
D = -40°C to 90°C, Industrial Temperature
A = -40°C to 105°C, Extended Temperature
PACKAGE TYPE
(A)
CYE = 684-Pin Plastic BGA, with Pb-Free Die Bump
and Solder Ball
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the
package type (for example, CYE), the temperature range (for example, "Blank" is the commercial
temperature range), and the device speed range in megahertz (for example, "Blank" is the default [600-
MHz ARM, 500-MHz DSP]).
Figure 9-1 provides a legend for reading the complete device name for any TMS320DM814x platform
member.
For device part numbers and further ordering information of TMS320DM814x devices in the CYE package
type, see the TI website (www.ti.com) or contact your TI sales representative.
For additional description of the device nomenclature markings on the die, see the TMS320DM814x
DaVinci™ Digital Media Processors Silicon Errata (Silicon Revision 2.1) (Literature Number: SPRZ343).
A.
BGA = Ball Grid Array
B.
For actual device part numbers (P/Ns) and ordering information, see the TI website (http://www.ti.com).
C.
The TEMPERATURE RANGE values are specified over operating junction temperature.
Figure 9-1. Device Nomenclature(B)(C)
9.2
Documentation Support
The following document describes the DM814x DaVinci™ Digital Media Processors.
SPRUGZ8
TMS320DM814x DaVinci Digital Media Processors Technical Reference Manual.
9.3
Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the
respective contributors. They do not constitute TI specifications and do not necessarily reflect TI's views;
see TI's Terms of Use.
TI E2E Community TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration
among engineers. At e2e.ti.com, you can ask questions, share knowledge, explore ideas and
help solve problems with fellow engineers.
TI Embedded Processors Wiki Texas Instruments Embedded Processors Wiki. Established to help
developers get started with Embedded Processors from Texas Instruments and to foster
innovation and growth of general knowledge about the hardware and software surrounding
these devices.
Copyright © 2011–2013, Texas Instruments Incorporated
Device and Documentation Support
371
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com