Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 372 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 372 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 368Page - Texas Instruments TMS320DM814x Datasheet HTML 369Page - Texas Instruments TMS320DM814x Datasheet HTML 370Page - Texas Instruments TMS320DM814x Datasheet HTML 371Page - Texas Instruments TMS320DM814x Datasheet HTML 372Page - Texas Instruments TMS320DM814x Datasheet HTML 373Page - Texas Instruments TMS320DM814x Datasheet HTML 374Page - Texas Instruments TMS320DM814x Datasheet HTML 375Page - Texas Instruments TMS320DM814x Datasheet HTML 376Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 372 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
10 Mechanical
The device package has been specially engineered with a new technology called Via Channel™. The Via
Channel technology allows larger than normal PCB via sizes and reduced PCB signal layers to be used in
a PCB design with this 0.8-mm pitch package, and will substantially reduce PCB costs. Via Channel also
allows PCB routing in only two signal layers (four layers total) due to the increased layer efficiency of the
Via Channel™ BGA technology.
10.1 Thermal Data for CYE-04 (Top Hat)
Table 10-1. Thermal Resistance Characteristics (PBGA Package) [CYE-04] (Thinner Top Hat)
NO.
°C/W(1)
AIR FLOW (m/s)(2)
1
R
ΘJC
Junction-to-case
0.39
N/A
2
R
ΘJB
Junction-to-board
3.87
N/A
3
R
ΘJA
Junction-to-free air
11.67
0.00
5
8.59
1.00
6
R
ΘJMA
Junction-to-moving air
7.80
2.00
7
7.33
3.00
8
0.19
0.00
10
0.20
1.00
PsiJT
Junction-to-package top
11
0.20
2.00
12
0.21
3.00
13
3.44
0.00
15
3.37
1.00
PsiJB
Junction-to-board
16
3.26
2.00
17
3.17
3.00
(1)
These measurements were conducted in a JEDEC defined 2S2P system (with the exception of the Theta JC [R
ΘJC] measurement,
which was conducted in a JEDEC defined 1S0P system) and will change based on environment as well as application. For more
information, see these EIA/JEDEC standards:
•
JESD51-2, Integrated Circuits Thermal Test Method Environment Conditions - Natural Convection (Still Air)
•
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-9, Test Boards for Area Array Surface Mount Packages
Power dissipation of 2 W and an ambient temperature of 70ºC is assumed.
(2)
m/s = meters per second
10.2 Packaging Information
The following packaging information and addendum reflect the most current data available for the
designated device(s). This data is subject to change without notice and without revision of this document.
372
Mechanical
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com